Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP81960 Datasheet(PDF) 9 Page - Sony Corporation

Part # CXP81960
Description  CMOS 8-bit Single Chip Microcomputer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP81960 Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXP81960 Datasheet HTML 5Page - Sony Corporation CXP81960 Datasheet HTML 6Page - Sony Corporation CXP81960 Datasheet HTML 7Page - Sony Corporation CXP81960 Datasheet HTML 8Page - Sony Corporation CXP81960 Datasheet HTML 9Page - Sony Corporation CXP81960 Datasheet HTML 10Page - Sony Corporation CXP81960 Datasheet HTML 11Page - Sony Corporation CXP81960 Datasheet HTML 12Page - Sony Corporation CXP81960 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
– 9 –
CXP81952/81960
RD (Port F)
Data bus
IP
Input multiplexer
A/D converter
4 pins
Hi-Z
Hi-Z
When reset
AN0 to AN3
PF0/AN4
to
PF3/AN7
PF4/AN8
to
PF7/AN11
Hi-Z
Hi-Z
IP
A/D converter
Input multiplexer
Port F
Pin
Circuit format
4 pins
A/D
converter
Data bus
RD
(Port F)
Port/AD select
IP
Port F data
Input multiplexer
IP
RD (Port G)
Data bus
Schmitt input
PG5: To general
purpose prescaler
Port F
4 pins
PG0 to PG4
PG5/PCK
8 pins
Port G
Hi-Z
IP
RD (Port G)
Data bus
Schmitt input
FRC capture unit
6 pins
PG6/EXI0
PG7/EXI1
Port G
Hi-Z
Data bus
RD (Port H)
Port H data
Large current
12mA
Medium withstand
voltage 12V
2 pins
PH0 to PH7
Port H


Similar Part No. - CXP81960

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP81960M SONY-CXP81960M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP81960

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com