Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2197E Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2197E
Description  847 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2197E Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2197E Datasheet HTML 1Page - RF Monolithics, Inc SF2197E Datasheet HTML 2Page - RF Monolithics, Inc SF2197E Datasheet HTML 3Page - RF Monolithics, Inc SF2197E Datasheet HTML 4Page - RF Monolithics, Inc SF2197E Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 5
© 2009-2011 by RF Monolithics, Inc.
SF2197E - 6/27/11
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
847
MHz
Insertion Loss, 832 to 862 MHz
IL
2.8
4.5
dB
Amplitude Ripple, 832 to 862 MHz
1.2
2.0
dBP-P
VSWR, 832 to 862 MHz
1.6
2.5
Attenuation, 0 dB Reference:
dB
DC to 800 MHz
45
55
800 to 815 MHz
30
45
815 to 821 MHz
10
30
895 to 940 MHz
30
37
940 to 1500 MHz
45
58
1500 to 2000 MHz
35
45
Source Impedance
ZS
50
Load Impedance
ZL
50
Case Style
SM3030-6 3.0 x 3.0 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift) dot=pin 1 indicator
927, YWWS
Standard Reel Quantity
Reel Size 7 Inch
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Connection
Terminals
Input
2
Output
5
Case Ground
All others
SM3030-6
• Low Loss SAW Filter
• Surface-mount 3.0 x 3.0 mm Package
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
10
dBm
DC Voltage on any Non-ground Terminal
3
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Maximum Soldering Profile, 5 cycles/10 seconds maximum
265
°C
847 MHz
SAW Filter
SF2197E
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port
2, so that the filter must always be installed in one direction per the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc., are registered trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:


Similar Part No. - SF2197E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2197E MURATA-SF2197E Datasheet
798Kb / 5P
   847 MHz SAW Filter
More results

Similar Description - SF2197E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1072A TAI-SAW-TA1072A Datasheet
419Kb / 8P
   SAW Filter 847 MHz
logo
TriQuint Semiconductor
856932 TRIQUINT-856932_15 Datasheet
572Kb / 8P
   847 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1757B TAI-SAW-TA1757B Datasheet
693Kb / 9P
   SAW Filter 847 MHz
logo
Murata Manufacturing Co...
SF2197E MURATA-SF2197E Datasheet
798Kb / 5P
   847 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1656A TAI-SAW-TA1656A Datasheet
349Kb / 8P
   SAW Filter 847 MHz 30MHz BW SMD 1.4X1.1 mm
TA2042A TAI-SAW-TA2042A Datasheet
508Kb / 9P
   SAW Filter 847 MHz SMD 1.1X0.9 mm (BW=30 MHz)
TA2042B TAI-SAW-TA2042B Datasheet
940Kb / 10P
   SAW Filter 847 MHz Band 20 SMD 1.1X0.9 mm (BW=30 MHz)
logo
Transko Electronics, In...
TD806AP2 TRANSKO-TD806AP2 Datasheet
382Kb / 5P
   LTE, SAW DUPLEXER For 806 MHz / 847 MHz
Revision 0: September 2010
TD806BP2 TRANSKO-TD806BP2 Datasheet
384Kb / 5P
   LTE, SAW DUPLEXER For 806 MHz / 847 MHz
Revision 1: April 2013
logo
TriQuint Semiconductor
856979 TRIQUINT-856979 Datasheet
793Kb / 9P
   806/847 MHz Duplexer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com