Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-IMR002V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IMR002V1
Description  2 kW/100 V RF demonstration board for 3 T MRI based on the STAC4932B
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IMR002V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IMR002V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IMR002V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IMR002V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IMR002V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
December 2011
Doc ID 022609 Rev 1
1/4
4
STEVAL-IMR002V1
2 kW/100 V RF demonstration board for 3 T MRI
based on the STAC4932B
Features
Output power: 2 kW
Supply voltage: 100 V
Frequency: 123 MHz
Power gain: 19 dB
Efficiency: 60%
RoHS compliant
Description
The STEVAL-IMR002V1 demonstration board is
based on the new generation of high voltage
DMOS products housed in the STAC® air cavity
package and capable of delivering an output
power up to 1.2 kW for industrial, scientific, and
medical applications such as 1.5 T and 3 T
magnetic resonance imaging (MRI).
This new air-cavity technology now enables lower
thermal resistance, lower weight, and reduced
cost compared to devices in ceramic packages.
The STEVAL-IMR002V1 demonstration board
implements the design of a 2 kW-100 V, 123 MHz
Class AB peak power amplifier (PPA) for 3 Tesla
MRI applications.
It uses double push-pull bolt-down devices, two
STAC4932B - N-channel MOSFETs, capable of
exceeding 2000 W @ 123 MHz with large signal
gain of 19 dB in Class AB and a drain efficiency of
60%.
It almost doubles the output power of previous
amplifiers using MOSFET transistors in standard
ceramic packages.
www.st.com


Similar Part No. - STEVAL-IMR002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IME003V1 STMICROELECTRONICS-STEVAL-IME003V1 Datasheet
256Kb / 12P
   LEDs to monitor the power management stage
August 2011 Rev 1
STEVAL-IME008V1 STMICROELECTRONICS-STEVAL-IME008V1 Datasheet
990Kb / 19P
   Load simulator using signal equivalent circuits
August 2014 Rev 1
STEVAL-IME009V1 STMICROELECTRONICS-STEVAL-IME009V1 Datasheet
512Kb / 12P
   Load simulator using signal equivalent circuits
August 2014 Rev 1
STEVAL-IME011V1 STMICROELECTRONICS-STEVAL-IME011V1 Datasheet
278Kb / 4P
   4-channel outputs: high voltage and low voltage BNC connectors
August 2015 Rev 1
STEVAL-IME011V2 STMICROELECTRONICS-STEVAL-IME011V2 Datasheet
269Kb / 4P
   USB connector to load own waveforms onto the board
November 2016 Rev 1
More results

Similar Description - STEVAL-IMR002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR029V1 STMICROELECTRONICS-STEVAL-TDR029V1 Datasheet
192Kb / 10P
   RF power amplifier demonstration board based on the STAC2942B
STEVAL-TDR028V1 STMICROELECTRONICS-STEVAL-TDR028V1 Datasheet
169Kb / 11P
   RF power amplifier demonstration board based on the STAC2942B
STEVAL-ISF002V1 STMICROELECTRONICS-STEVAL-ISF002V1 Datasheet
171Kb / 4P
   1.4 kW digital PFC demonstration board based on the STW23NM60N and TD352
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
   Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
   Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
   Four-layer demonstration board based on the STA333IS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com