Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP825P40 Datasheet(PDF) 9 Page - Sony Corporation

Part # CXP825P40
Description  CMOS 8-bit Single Chip Microcomputer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP825P40 Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXP825P40 Datasheet HTML 5Page - Sony Corporation CXP825P40 Datasheet HTML 6Page - Sony Corporation CXP825P40 Datasheet HTML 7Page - Sony Corporation CXP825P40 Datasheet HTML 8Page - Sony Corporation CXP825P40 Datasheet HTML 9Page - Sony Corporation CXP825P40 Datasheet HTML 10Page - Sony Corporation CXP825P40 Datasheet HTML 11Page - Sony Corporation CXP825P40 Datasheet HTML 12Page - Sony Corporation CXP825P40 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
– 9 –
CXP825P40
VFDP
("0" when reset)
Segment output data
Output select control signal
High voltage tolerance transistor
Mask option
Pull-down
resistor
OP
21 pins
Oscillation
Low level
When reset
S16 to S20
T15/S21
to
T8/S28
T0 to T7
EXTAL
XTAL
2 pins
1 pin
RST
Low level
Port D
Port F
Pin
Circuit format
IP
IP
EXTAL
XTAL
Diagram shows
circuit construction
for oscillation.
During stop
feedback resistor is
disconnected.
Mask option
IP
Schmitt input
Pull-up resistor
From power-on reset circuit
OP
Hi-Z
16 pins
PD0/S0
to
PD7/S7
PF0/S8
to
PF7/S15
RD (Port D or Port F)
Data bus
"0" when reset
Port D data or
Port F data
("0" when reset)
Segment output data
Output select control signal
High voltage tolerance transistor


Similar Part No. - CXP825P40

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP82500 SONY-CXP82500 Datasheet
117Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP82532 SONY-CXP82532 Datasheet
325Kb / 20P
   CMOS 8-bit Single Chip Microcomputer
CXP82540 SONY-CXP82540 Datasheet
325Kb / 20P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP825P40

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com