Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2204E-1 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2204E-1
Description  1900 MHz SAW Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2204E-1 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2204E-1 Datasheet HTML 1Page - RF Monolithics, Inc SF2204E-1 Datasheet HTML 2Page - RF Monolithics, Inc SF2204E-1 Datasheet HTML 3Page - RF Monolithics, Inc SF2204E-1 Datasheet HTML 4Page - RF Monolithics, Inc SF2204E-1 Datasheet HTML 5Page - RF Monolithics, Inc SF2204E-1 Datasheet HTML 6Page - RF Monolithics, Inc SF2204E-1 Datasheet HTML 7Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 7
©2011 by RF Monolithics, Inc.
SF2204E-1 2/8/11
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
1900
MHz
Insertion Loss, 1880 to 1920 MHz
IL
1.8
3.0
dB
Amplitude Ripple, 1880 to 1920 MHz
0.6
1.3
dBP-P
VSWR, 1880 to 1920 MHz
1.4:1
2.0:1
Attenuation Referenced to 0 dB:
0.3 to 960 MHz
30
34
dB
960 to 1805 MHz
30
34
1805 to 1830 MHz
30
35
1830 to 1850 MHz
30
35
1950 to 2010 MHz
15
30
2010 to 2025 MHz
40
45
2110 to 2170 MHz
35
44
2300 to 2400 MHz
35
40
2400 to 3000 MHz
28
33
Source Impedance
ZS
50
Load Impedance
ZL
50
Case Style
SM3030-6 3.0 x 3.0 mm Nominal Footprint
Lid Symbolization, Y=year, WW=week, S=shift, Dot=pin 1 indicator
976, YWWS
Standard Reel Quantity
Reel Size 7 Inch
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Connection
Terminals
Port 1
2
Port 2
5
Case Ground
All others
SM3030-6
• Low-loss RF SAW Filter
• Low Amplitude Ripple
• No Matching Required for 50
Operation
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
15
dBm
DC Voltage on any Non-ground Terminal
12
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Maximum Soldering Profile, 5 Cycles/10 seconds Maximum
265
°C
1900 MHz
SAW Filter
SF2204E-1
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
The design, manufacturing process, and specifications of this filter are subject to change.
5.
US and international patents may apply.
6.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Preliminary


Similar Part No. - SF2204E-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2204E-1 MURATA-SF2204E-1 Datasheet
834Kb / 7P
   1900 MHz SAW Filter
More results

Similar Description - SF2204E-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2204E MURATA-SF2204E Datasheet
829Kb / 7P
   1900 MHz SAW Filter
SF2204E-1 MURATA-SF2204E-1 Datasheet
834Kb / 7P
   1900 MHz SAW Filter
logo
RF Monolithics, Inc
SF2204E RFM-SF2204E Datasheet
829Kb / 7P
   1900 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2018B TAI-SAW-TA2018B Datasheet
706Kb / 7P
   SAW Filter 1900 MHz (BW 40Hz) SMD 1.1x0.9x0.5mm
logo
TriQuint Semiconductor
TQQ1212 TRIQUINT-TQQ1212_15 Datasheet
628Kb / 8P
   1900/2017.5 MHz Dual Band Saw Filter Module
logo
TAI-SAW TECHNOLOGY CO.,...
TA2018C TAI-SAW-TA2018C Datasheet
756Kb / 7P
   SAW Filter 1900 MHz (BW 40Hz) SMD 1.1x0.9x0.5mm
TA2736AA1325 TAI-SAW-TA2736AA1325 Datasheet
395Kb / 7P
   SAW Filter 1900 MHz (BW 28MHz) SMD 1.4X1.1 mm
logo
Mini-Circuits
HFTC-16 MINI-HFTC-16 Datasheet
123Kb / 1P
   Ceramic High Pass Filter 1900 to 2700 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
CTS Corporation
CER0034A CTS-CER0034A Datasheet
142Kb / 2P
   1900 MHz PCS DuplexerFeatures
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com