Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

291V1D22R832AB Datasheet(PDF) 3 Page - CTS Corporation

Part # 291V1D22R832AB
Description  Precision, Long-life Compact 12mm Size Optical Encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

291V1D22R832AB Datasheet(HTML) 3 Page - CTS Corporation

  291V1D22R832AB Datasheet HTML 1Page - CTS Corporation 291V1D22R832AB Datasheet HTML 2Page - CTS Corporation 291V1D22R832AB Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information
3 - 3
7/17/12
CTS Electrocomponents
www.ctscorp.com
© 2011 CTS Corporation. All rights reserved. Information subject to change.
Shaft Trim
DIMENSION:
inch
mm
ELECTRIC CIRCUITRY AND WAVEFORM
Standard Quadrature 2-Bit Code
LOW
LOW
3
8 PPR/ 32 DETENTS
CW
6
4
HIGH
HIGH
2
5
POWER
GROUND
SWITCH TERMINAL
5
3
2
CHANNEL B
CHANNEL A
SWITCH TERMINAL
4
6
PIN#
* External pull-up resistors required for operation(2.2K ohm)
Nominal Detent Position
inch
R - ROUND
F - FLATTED
SHAFT TRIM
"L" SHAFT LENGTH
mm
inch
A5- 15mm
B0- 20mm
B5- 25mm
C0- 30mm
3/8-32 UNEF-2A
20- .625"
POSITION NUMBER
1. 8 PPR/32 detents is shown
2. Code repeats every 4 positions
3. Channel A Leads Channel B in CW direction
and lags in CCW direction
1 PULSE
ALL
ALL
6.35mm Dia. .250" Dia.
24- .750"
28- .875"
32- 1.000"
22- .688"
OUTPUT COMBINATION
832 - 8PPR, 32-DETENTS
624 - 6PPR, 24-DETENTS
832
800 - 8PPR, NO DETENTS
600 - 6PPR, NO DETENTS
OPERATING VOLTAGE
A
- 5.0V
A
- 3.3V
B
SWITCH
B - MOMENTARY
B
A - NONE
TERMINATION
1
1
”z”
Y
0 - .312”
3 - .375”
"B" BUSHING LENGTH
V1 - .050” Pitch Center Pins Form to Rear
with .144 length
C4 - .050” Pitch Center 4” Ribbon Cable with
Connector
C5- .050” Pitch Center 5” Ribbon Cable with
Connector
C6- .050” Pitch Center 6” Ribbon Cable with
Connector
Connector is AMP P/N 215083-6 or Equivalent
291
V1
0
22
F
x
R - ROUND
X
Imperial Shaft
Metric Shaft
.250”
6.35
F - FLATTED
X
Y
Imperial Shaft
Metric Shaft
.250”
6.35
.218”
5.53
Z
.250”
6.35
mm
D - 9.53mm
M9X.75P
R*
R*
CHANNEL A
CHANNEL B
2 - .250”
x


Similar Part No. - 291V1D22R832AB

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
291 DBLECTRO-291 Datasheet
310Kb / 1P
   PLUGGABLE SERIES
logo
Cornell Dubilier Electr...
291 CDE-291 Datasheet
3Mb / 11P
   Cylindrical Case, High-Current and High-Voltage Circuits
logo
Advanced Energy Industr...
291 ADVANCEDENERGY-291 Datasheet
169Kb / 2P
   MONROE 291
01 03.20
logo
DB Lectro Inc
291-021-0500 DBLECTRO-291-021-0500 Datasheet
310Kb / 1P
   PLUGGABLE SERIES
291-021-1500 DBLECTRO-291-021-1500 Datasheet
310Kb / 1P
   PLUGGABLE SERIES
More results

Similar Description - 291V1D22R832AB

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
   12mm Square Long-life (Snap-in Type)
SKQE ALPS-SKQE Datasheet
246Kb / 4P
   12mm Square Long-life (Snap-in Type)
logo
Illinois Capacitor, Inc...
SVL ILLINOISCAPACITOR-SVL Datasheet
198Kb / 2P
   Small size ??Long Life
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
TOCOSAMERICA, INC.
RVQ12YN TOCOS-RVQ12YN Datasheet
485Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN3 TOCOS-RVQ12YN3 Datasheet
503Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
logo
Tyco Electronics
DP12 MACOM-DP12 Datasheet
206Kb / 3P
   12mm Rotary Encoder
logo
Bi technologies
EN12 BITECH-EN12_08 Datasheet
83Kb / 3P
   12mm Rotary Encoder
logo
Tyco Electronics
3SCV MACOM-3SCV Datasheet
230Kb / 2P
   Long-life Haif-size Industrial Relay
logo
ALPS ELECTRIC CO.,LTD.
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com