Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP82852 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP82852
Description  CMOS 8-bit Single Chip Microcomputer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP82852 Datasheet(HTML) 5 Page - Sony Corporation

  CXP82852 Datasheet HTML 1Page - Sony Corporation CXP82852 Datasheet HTML 2Page - Sony Corporation CXP82852 Datasheet HTML 3Page - Sony Corporation CXP82852 Datasheet HTML 4Page - Sony Corporation CXP82852 Datasheet HTML 5Page - Sony Corporation CXP82852 Datasheet HTML 6Page - Sony Corporation CXP82852 Datasheet HTML 7Page - Sony Corporation CXP82852 Datasheet HTML 8Page - Sony Corporation CXP82852 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
– 5 –
CXP82832/82840/82852/82860
Pin code
I/O
Functions
Output
A16 to A23
FDP segment signal (anode connection) outputs.
(8 pins)
Output/Output
G0/A0
to
G15/A15
Outputs for FDP timing signals (grid connection)/segment signals (anode
connection).
(16 pins)
Output/Output
PH0/A31
to
PH7/A24
Output/Output
PG0/A39
to
PG7/A32
(Port H)
8-bit output port.
(8 pins)
VFDP
EXTAL
XTAL
TEX
TX
RST
NC
AVREF
AVSS
VDD
VSS
Input
Output
Input
Output
Input
Input
FDP voltage supply when incorporated pull-down (PD) resistor is set by
mask option.
Crystal connectors for system clock oscillation. When the clock is
supplied externally, input to EXTAL; opposite phase clock should be
input to XTAL.
Crystal connectors for 32kHz timer/counter clock oscillation. For usage
as event input, input to TEX, and open TX.
Low-level active, system reset
NC. Under normal operation, connect to VDD.
Reference voltage input for A/D converter.
A/D converter GND.
VCC supply.
GND.
FDP segment signal (anode
connection) outputs.
(8 pins)
(Port G)
8-bit output port.
(8 pins)
FDP segment signal (anode
connection) outputs.
(8 pins)


Similar Part No. - CXP82852

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP82800 SONY-CXP82800 Datasheet
284Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP828P60 SONY-CXP828P60 Datasheet
302Kb / 22P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP82852

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com