Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP82940 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP82940
Description  CMOS 8-bit Single Chip Microcomputer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP82940 Datasheet(HTML) 1 Page - Sony Corporation

  CXP82940 Datasheet HTML 1Page - Sony Corporation CXP82940 Datasheet HTML 2Page - Sony Corporation CXP82940 Datasheet HTML 3Page - Sony Corporation CXP82940 Datasheet HTML 4Page - Sony Corporation CXP82940 Datasheet HTML 5Page - Sony Corporation CXP82940 Datasheet HTML 6Page - Sony Corporation CXP82940 Datasheet HTML 7Page - Sony Corporation CXP82940 Datasheet HTML 8Page - Sony Corporation CXP82940 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
– 1 –
CXP82940/82948/82952/82960
E95130-PK
CMOS 8-bit Single Chip Microcomputer
Description
The CXP82940/82948/82952/82960 is a CMOS 8-bit
single chip microcomputer integrating on a single
chip an A/D converter, serial interface, timer/counter,
time
base
timer,
fluorescent
display
panel
controller/driver, I2C bus interface, remote control
transmission circuit, remote control reception circuit,
and
32kHz
timer/counter
besides
the
basic
configurations of 8-bit CPU, ROM, RAM, and I/O
port.
Features1
• Wide-range instruction system (213 instructions)
to cover various types of data
— 16-bit arithmetic/multiplication and division/boolean bit operation instructions
• Minimum instruction cycle
250ns at 16MHz operation
(122µs at 32kHz operation)
• Incorporated ROM capacity
40K bytes (CXP82940)
48K bytes (CXP82948)
52K bytes (CXP82952)
60K bytes (CXP82960)
• Incorporated RAM capacity
2048 bytes (including fluorescent display area)
• Periphera; functions
— A/D converter
8-bit, 8-channel, successive approximation method
(Conversion time of 20µs/16MHz)
— Serial interface
Buffer RAM incorporated (Auto transfer for 1 to 32 bytes), 1 channel
8-bit, 8-stage FIFO incorporated
(Auto transfer for 1 to 8 bytes), 1 channel
— Timers
8-bit timer, 8-bit timer/counter, 19-bit time base timer
32kHz timer/counter
— Fluorescent display panel controller/driver
Maximum of 196 segments display possible
1 to 16-digit dynamic display
Dimmer function
High voltage drive output (40V)
Incorporated pull-down resistor (Mask option)
Hardware key scan function
Maximum of 12
× 8 key matrix supportable
— I2C bus interface
— Remote control transmission circuit
Auto transmission for 1 to 32 bytes,
restart function, carrier output function
— Remote control reception circuit
8-bit pulse measurement counter, 6-stage FIFO
• Interruption
16 factors, 15 vectors, multi-interruption possible
• Standby mode
SLEEP/STOP
• Package
80-pin plastic QFP
• Piggyback/evaluation chip
CXP82900 80-pin ceramic QFP
Perchase of Sony’s I2C components conveys a licence under the Philips I2C Patent Rights to use these components
in an I2C system, provided that the system conforms to the I2C Standard Specifications as defined by Philips.
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
80 pin QFP (Plastic)
Structure
Silicon gate CMOS IC


Similar Part No. - CXP82940

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP82900 SONY-CXP82900 Datasheet
213Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP829P60 SONY-CXP829P60 Datasheet
404Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP82940

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com