Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP82960 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXP82960
Description  CMOS 8-bit Single Chip Microcomputer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP82960 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXP82960 Datasheet HTML 3Page - Sony Corporation CXP82960 Datasheet HTML 4Page - Sony Corporation CXP82960 Datasheet HTML 5Page - Sony Corporation CXP82960 Datasheet HTML 6Page - Sony Corporation CXP82960 Datasheet HTML 7Page - Sony Corporation CXP82960 Datasheet HTML 8Page - Sony Corporation CXP82960 Datasheet HTML 9Page - Sony Corporation CXP82960 Datasheet HTML 10Page - Sony Corporation CXP82960 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
– 7 –
CXP82940/82948/82952/82960
2 pins
Hi-Z
Hi-Z
PB4/SO0
PB7/SO1
PC0/KR0
to
PC7/KR7
8 pins
5 pins
1 pin
Hi-Z
High level
Hi-Z
PE0/EC/INT0
PE1/INT1
PE2/INT2
PE3/INT3/NMI
PE4/RMC
IP
Schmitt input
RD (Port E)
Data bus
EC/INT0
INT1
INT2
INT3/NMI
RMC
Data bus
RD (Port C)
Port C direction
IP
Port C data
Pull-up resistor
"0" when reset
"0" when reset
1
Large current 12mA
2
Pull-up transistor approx. 100k
2
1
Key input signal
Data bus
RD (Port B)
IP
Port B output
selection
"0" when reset
Pull-up transistor approx. 100k
Port B data
Port B direction
“0” when reset
Pull-up resistor
SO
Output enable
"0" when reset
Port E
PE5
1 pin
PE6/RMCO
IP
RD (Port E)
Data bus
Port E
Port E output selection
RD (Port E)
Data bus
"0" when reset
Reset E data
"1" when reset
Remote control
transmission circuit
Output enable
Port E
Port C
Port B
When reset
Pin
Circuit format


Similar Part No. - CXP82960

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP82900 SONY-CXP82900 Datasheet
213Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP829P60 SONY-CXP829P60 Datasheet
404Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP82960

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com