Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP83232A Datasheet(PDF) 7 Page - Sony Corporation

Part # CXP83232A
Description  CMOS 8-bit Single Chip Microcomputer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP83232A Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXP83232A Datasheet HTML 3Page - Sony Corporation CXP83232A Datasheet HTML 4Page - Sony Corporation CXP83232A Datasheet HTML 5Page - Sony Corporation CXP83232A Datasheet HTML 6Page - Sony Corporation CXP83232A Datasheet HTML 7Page - Sony Corporation CXP83232A Datasheet HTML 8Page - Sony Corporation CXP83232A Datasheet HTML 9Page - Sony Corporation CXP83232A Datasheet HTML 10Page - Sony Corporation CXP83232A Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
– 7 –
CXP83232A/83240A
IP
Pull-up resistor
Port B data
Port B direction
"0" when reset
RD (Port B)
Data bus
∗ Pull-up transistors
approx. 100k
"0" when reset
Schmitt input
CINT
CS0
SI0
SI1
∗ Pull-up transistors
approx. 100k
Pull-up resistor
Port B data
Port B direction
"0" when reset
RD (Port B)
Data
bus
IP
"0" when reset
Schmitt input
SCK in
Output enable
"0" when reset
SCK OUT
Port B output selection
Port B
8 pins
Hi-Z
Hi-Z
When reset
PA0/AN0
to
PA7/AN7
PB0/CINT
PB1/CS0
PB3/SI0
PB6/SI1
Port B
4 pins
Hi-Z
PB2/SCK0
PB5/SCK1
IP
Pull-up resistor
Port A data
Port A direction
"0" when reset
Port A input selection
"0" when reset
RD (Port A)
Data bus
A/D converter
∗ Pull-up transistors
approx. 100k
Input multiplexer
"0" when reset
Input protection
circuit
I/O Circuit Format for Pins
Port A
Pin
Circuit format


Similar Part No. - CXP83232A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP83200A SONY-CXP83200A Datasheet
537Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP832P40A SONY-CXP832P40A Datasheet
556Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP83232A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com