Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6520 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6520
Description  Highly integrated ballast controller for TL and CFL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6520 Datasheet(HTML) 5 Page - STMicroelectronics

  L6520 Datasheet HTML 1Page - STMicroelectronics L6520 Datasheet HTML 2Page - STMicroelectronics L6520 Datasheet HTML 3Page - STMicroelectronics L6520 Datasheet HTML 4Page - STMicroelectronics L6520 Datasheet HTML 5Page - STMicroelectronics L6520 Datasheet HTML 6Page - STMicroelectronics L6520 Datasheet HTML 7Page - STMicroelectronics L6520 Datasheet HTML 8Page - STMicroelectronics L6520 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
L6520, L6521
Maximum ratings
Doc ID 16998 Rev 3
5/19
3
Maximum ratings
Table 3.
Absolute maximum ratings
Symbol
Pin
Parameter
Conditions
Value
Unit
VZ
8
Active clamp protection voltage
Active clamp protection must not be supplied
by a low impedance voltage source
18.5
V
IVCC
8
Active clamp protection current
During low consumption state
2
mA
VOD1
6,7
Differential voltage between
driver output and VCC
VOD1 = VCC – VOUT
(1)
18.5
V
VOD2
6,7
Differential voltage between
driver output and GND
VOD2 = VOUT – GND
(1)
18.5
V
VFPRE
1
FPRE positive voltage
5
V
VFPRE
1
FPRE negative voltage
-0.3
V
VPWM_det
4
PWM_det pin positive voltage
PWM_det input current < 5mA
5.1
V
VPWM_det
4
PWM_det pin negative voltage
PWM_det output current < 0.1mA
-0.3
V
VHBCS
3
HBCS positive voltage
5
V
VHBCS
3
HBCS negative voltage
HBCS output current < 2mA
-5
V
VEOL,max
2
EOL positive voltage
EOL input current < 5mA
5
V
VEOL,min
2
EOL negative voltage
EOL output current < 0.1mA
-0.3
V
1.
VOUT refers to the voltage at either LVG pin or HVG pin
Table 4.
Thermal data
Symbol
Description
Value
Unit
RthJA
Max. thermal resistance junction to ambient
150
°C/W
TJ
Junction operating temperature range
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C


Similar Part No. - L6520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6520 STMICROELECTRONICS-L6520 Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
L6520TR STMICROELECTRONICS-L6520TR Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
More results

Similar Description - L6520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6520TR STMICROELECTRONICS-L6520TR Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
   CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
logo
STMicroelectronics
EVAL6574B STMICROELECTRONICS-EVAL6574B Datasheet
398Kb / 8P
   CFL/TL ballast driver preheat and dimming demonstration board based on the L6574
May 2013 Rev 1
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
logo
International Rectifier
IRPLCFL5E IRF-IRPLCFL5E Datasheet
255Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 220VAC Input
IRPLCFL5U IRF-IRPLCFL5U Datasheet
260Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 120VAC Input
logo
STMicroelectronics
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
   20 W dimmable CFL ballast solution
logo
NXP Semiconductors
AN10971 PHILIPS-AN10971_15 Datasheet
469Kb / 41P
   TL applications with NXP ballast controllers
Rev. 1-15 September 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com