Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP836P60 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP836P60
Description  CMOS 8-bit Single Chip Microcomputer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP836P60 Datasheet(HTML) 1 Page - Sony Corporation

  CXP836P60 Datasheet HTML 1Page - Sony Corporation CXP836P60 Datasheet HTML 2Page - Sony Corporation CXP836P60 Datasheet HTML 3Page - Sony Corporation CXP836P60 Datasheet HTML 4Page - Sony Corporation CXP836P60 Datasheet HTML 5Page - Sony Corporation CXP836P60 Datasheet HTML 6Page - Sony Corporation CXP836P60 Datasheet HTML 7Page - Sony Corporation CXP836P60 Datasheet HTML 8Page - Sony Corporation CXP836P60 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
– 1 –
E98342B96
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXP836P60
CXP836P61
CMOS 8-bit Single Chip Microcomputer
Description
The CXP836P60/836P61 is a CMOS 8-bit single
chip microcomputer integrating on a single chip an
A/D converter, serial interface, timer/counter, time-
base timer, sub timer/counter, LCD controller/driver
and remote control reception circuit besides the basic
configurations of 8-bit CPU, PROM, RAM, and I/O
port.
The CXP836P60/836P61 also provides a sleep/stop
function that enables lower power consumption.
The CXP836P60 and CXP836P61 are the PROM-
incorporated version of the CXP83508/83512/83516/
83620/83624 and CXP83509/83513/83517/83621/83625
with built-in mask ROM, and they are able to write
directly into the program. Thus, it is most suitable for
evaluation use during system development and for
small-quantity production.
Features
• Wide-range instruction system (213 instructions) to
cover various types of data.
— 16-bit arithmetic/multiplication and division/boolean bit operation instructions
• Minimum instruction cycle
400ns at 10MHz operation (4.5 to 5.5V)
1µs at 4MHz operation (2.7 to 5.5V)
122µs at 32kHz operation (2.7 to 5.5V)
• Incorporated PROM capacity 60K bytes
• Incorporated RAM capacity
736 bytes (includes LCD display data area and serial interface RAM)
• Peripheral functions
— A/D converter
8-bit, 8-channel, successive approximation method
(Conversion time of 12.4µs/10MHz)
— Serial interface
Incorporated buffer RAM
(Auto transfer for 1 to 32 bytes), 1 channel
8-bit clock synchronized type (MSB/LSB first selectable), 1 channel
— Timer
8-bit timer, 8-bit timer/counter, 19-bit time-base timer,
Sub timer/counter
— LCD controller/driver
Maximum 128 segment display possible (during 1/4 duty)
4 common output, 32 segment output
Display method static, 1/2, 1/3, 1/4 duty
Bias method 1/2, 1/3 bias
— Remote control reception circuit
8-bit pulse measuring counter, 6-stage FIFO
• Interruption
14 factors, 14 vectors, multi-interruption possible
• Standby mode
Sleep/stop
• Package
80-pin plastic QFP/LQFP
Structure
Silicon gate CMOS IC
CXP836P60
80 pin QFP (Plastic)
80 pin LQFP (Plastic)
CXP836P61
80 pin QFP (Plastic)


Similar Part No. - CXP836P60

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP83620 SONY-CXP83620 Datasheet
423Kb / 30P
   CMOS 8-bit Single Chip Microcomputer
CXP83621 SONY-CXP83621 Datasheet
423Kb / 30P
   CMOS 8-bit Single Chip Microcomputer
CXP83624 SONY-CXP83624 Datasheet
423Kb / 30P
   CMOS 8-bit Single Chip Microcomputer
CXP83625 SONY-CXP83625 Datasheet
423Kb / 30P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP836P60

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com