Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z02
Description  5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z02 Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z02_11 Datasheet HTML 1Page - STMicroelectronics M48Z02_11 Datasheet HTML 2Page - STMicroelectronics M48Z02_11 Datasheet HTML 3Page - STMicroelectronics M48Z02_11 Datasheet HTML 4Page - STMicroelectronics M48Z02_11 Datasheet HTML 5Page - STMicroelectronics M48Z02_11 Datasheet HTML 6Page - STMicroelectronics M48Z02_11 Datasheet HTML 7Page - STMicroelectronics M48Z02_11 Datasheet HTML 8Page - STMicroelectronics M48Z02_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
June 2011
Doc ID 2420 Rev 9
1/22
1
M48Z02
M48Z12
5 V, 16 Kbit (2 Kb x 8) ZEROPOWER® SRAM
Features
Integrated, ultra low power SRAM and power-
fail control circuit
Unlimited WRITE cycles
READ cycle time equals WRITE cycle time
Automatic power-fail chip deselect and WRITE
protection
WRITE protect voltages
(VPFD = power-fail deselect voltage):
–M48Z02: VCC= 4.75 to 5.5 V;
4.5 V
≤ VPFD ≤ 4.75 V
–M48Z12: VCC= 4.5 to 5.5 V;
4.2 V
≤ VPFD ≤ 4.5 V
Self-contained battery in the CAPHAT™ DIP
package
Pin and function compatible with JEDEC
standard 2 K x 8 SRAMs
RoHS compliant
– Lead-free second level interconnect
24
1
PCDIP24
Battery CAPHAT™
www.st.com


Similar Part No. - M48Z02_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02-150PC1 STMICROELECTRONICS-M48Z02-150PC1 Datasheet
231Kb / 16P
   5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z02-150PC1 STMICROELECTRONICS-M48Z02-150PC1 Datasheet
178Kb / 20P
   5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z02-150PC1 STMICROELECTRONICS-M48Z02-150PC1 Datasheet
335Kb / 21P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
M48Z02-150PC1TR STMICROELECTRONICS-M48Z02-150PC1TR Datasheet
231Kb / 16P
   5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z02-150PC6 STMICROELECTRONICS-M48Z02-150PC6 Datasheet
231Kb / 16P
   5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
More results

Similar Description - M48Z02_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02_10 Datasheet
335Kb / 21P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
M48Z08 STMICROELECTRONICS-M48Z08_10 Datasheet
323Kb / 20P
   5 V, 64 Kbit (8 Kb x 8) ZEROPOWER짰 SRAM
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
M48Z58 STMICROELECTRONICS-M48Z58_10 Datasheet
435Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
M48T02 STMICROELECTRONICS-M48T02_10 Datasheet
395Kb / 25P
   5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48T08 STMICROELECTRONICS-M48T08_10 Datasheet
518Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2010 Rev 10
M48T08 STMICROELECTRONICS-M48T08_11 Datasheet
497Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 11
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_10 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com