Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP842P24 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXP842P24
Description  CMOS 8-bit Single Chip Microcomputer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP842P24 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXP842P24 Datasheet HTML 2Page - Sony Corporation CXP842P24 Datasheet HTML 3Page - Sony Corporation CXP842P24 Datasheet HTML 4Page - Sony Corporation CXP842P24 Datasheet HTML 5Page - Sony Corporation CXP842P24 Datasheet HTML 6Page - Sony Corporation CXP842P24 Datasheet HTML 7Page - Sony Corporation CXP842P24 Datasheet HTML 8Page - Sony Corporation CXP842P24 Datasheet HTML 9Page - Sony Corporation CXP842P24 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
– 6 –
CXP842P24
Port B
Data bus
RD (Port B)
Port B direction
IP
Port B data
Pull-up resistance
"0" when reset
"0" when reset
Pull-up transistors
approx. 10k
Schmitt input
CINT
CS0
SI0
SI1
8 pins
Hi-Z
Hi-Z
When reset
PA0/AN0
to
PA7/AN7
PB0/CINT
PB1/CS0
PB3/SI0
PB6/SI1
Port B
4 pins
2 pins
Hi-Z
PB2/SCK0
PB5/SCK1
Data bus
RD (Port A)
Port A direction
IP
Port A data
Pull-up resistance
Port A input
selection
Input protection
circuit
"0" when reset
"0" when reset
"0" when reset
Input multiplexer
A/D converter
Pull-up transistors
approx. 10k
Input/Output Circuit Formats for Pins
Port A
Pin
Circuit format
Data bus
RD (Port B)
IP
Port B output
selection
"0" when reset
Pull-up transistors
approx. 10k
Schmitt input
SCK in
Port B data
Port B direction
"0" when reset
Pull-up resistance
"0" when reset
SCK OUT
Output enable


Similar Part No. - CXP842P24

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP84200 SONY-CXP84200 Datasheet
112Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP84220 SONY-CXP84220 Datasheet
218Kb / 19P
   CMOS 8-bit Single Chip Microcomputer
CXP84224 SONY-CXP84224 Datasheet
218Kb / 19P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP842P24

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com