Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWKAJRB2.EM Datasheet(PDF) 3 Page - OSRAM GmbH

Part # GWKAJRB2.EM
Description  SOLERIQ E 30
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAJRB2.EM Datasheet(HTML) 3 Page - OSRAM GmbH

  GWKAJRB2.EM Datasheet HTML 1Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 2Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 3Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 4Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 5Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 6Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 7Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 8Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Draft Version 0.0
GW KAJRB2.EM
2012-04-10 Preliminary Data
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-30 ... 85
°C
Storage temperature range
Lagertemperatur
T
stg
-40 ... 100
°C
Junction temperature
Sperrschichttemperatur
T
j
125
°C
Forward current
Durchlassstrom
(T
S = 25 °C)
I
F
1080
mA
Surge current
Stoßstrom
(t <= 10
μs; D = 0.005; T
S = 25 °C)
I
FM
1600
mA
Reverse voltage
Sperrspannung
(T
S = 25 °C)
V
R
not designed for reverse operation V


Similar Part No. - GWKAJRB2.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAFGB3.CM OSRAM-GWKAFGB3.CM Datasheet
1Mb / 17P
   Downlights
GWKAFGB3.CM-PTPU-27B3 OSRAM-GWKAFGB3.CM-PTPU-27B3 Datasheet
1Mb / 17P
   Downlights
GWKAFGB3.CM-PTPU-27S3 OSRAM-GWKAFGB3.CM-PTPU-27S3 Datasheet
1Mb / 17P
   Downlights
GWKAFGB3.CM-PUQP-30B3 OSRAM-GWKAFGB3.CM-PUQP-30B3 Datasheet
1Mb / 17P
   Downlights
GWKAFGB3.CM-PUQP-30S3 OSRAM-GWKAFGB3.CM-PUQP-30S3 Datasheet
1Mb / 17P
   Downlights
More results

Similar Description - GWKAJRB2.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKALRB3.EM OSRAM-GWKALRB3.EM Datasheet
1Mb / 17P
   SOLERIQ E 45
GWKAGHB1.CM OSRAM-GWKAGHB1.CM Datasheet
712Kb / 18P
   SOLERIQ S13
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
   SOLERIQ L 38
GWT3LSF3.EM OSRAM-GWT3LSF3.EM Datasheet
2Mb / 20P
   SOLERIQ L 38
logo
EPCOS
B66319 EPCOS-B66319 Datasheet
94Kb / 4P
   E 30/15/7 Core
logo
M/A-COM Technology Solu...
MAMX-009722-25MHLP MA-COM-MAMX-009722-25MHLP Datasheet
156Kb / 2P
   E-Series Surface Mount Mixer 30-512 MHz
logo
Tyco Electronics
ETC64-1T-1 MACOM-ETC64-1T-1 Datasheet
101Kb / 1P
   E-Series RF 64:1Transformer 30 - 108 MHz
logo
Advantech Co., Ltd.
ENV-49A-AP01 ADVANTECH-ENV-49A-AP01 Datasheet
505Kb / 2P
   E&E/Patrol Inspection
12-Mar-2021
logo
TriQuint Semiconductor
AGR09030E TRIQUINT-AGR09030E Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR21030EF TRIQUINT-AGR21030EF Datasheet
371Kb / 9P
   30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com