Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7445304 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7445304
Description  POWER-CHOKE WE-PD 3
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7445304 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7445304 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7445304 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7445304 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
A
10,6 ± 0,1
mm
B
16,0 ± 0,1
mm
C
24,0 ± 0,3
mm
D
1,55 ± 0,05
mm
E
2,00 ± 0,1
mm
F
4,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
I
13,0 ± 0,1
mm
J
3,00 ± 0,1
mm
T
0,40 ± 0,05
mm
Rollenspezifikation / Reel specification:
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
+ 0,5
- 1,0
d
100,00 ± 2,0
mm
MST
2004-10-11
Name
Datum / date
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
mm
13,00
c
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Würth Elektronik eiSos GmbH & Co. KG
..................................................................................
..................................................................................
Version 1
Datum / date
Unterschrift / signature
Würth Elektronik
..................................................................................
..................................................................................
Freigabe erteilt / general release:
Kunde / customer
I Rollenspezifikation / Tape and reel specification :
Gurtspezifikation / Tape specification:
SPEICHERDROSSEL WE-PD 3
POWER-CHOKE WE-PD 3
DATUM / DATE : 2004-10-11
Artikelnummer / part number :
7445304
Spezifikation für Freigabe / specification for release
Kunde / customer :
Ø c
a
d
b
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
A
B
C
G
F
E
øD
H
I
T
J
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such
as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information
network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general
electronic equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed
before use. It is essential to give consideration when to install a protective circuit at the design stage
RoHS
compliant
LF
SEITE 3 VON 3


Similar Part No. - 7445304

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7445301 WURTH-7445301 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
74453010 WURTH-74453010 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
7445302 WURTH-7445302 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
7445303 WURTH-7445303 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
74453031 WURTH-74453031 Datasheet
146Kb / 3P
   POWER-CHOKE WE-PD 3
More results

Similar Description - 7445304

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7445101 WURTH-7445101 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
7445920 WURTH-7445920 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
74459010 WURTH-74459010 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
74459147 WURTH-74459147 Datasheet
150Kb / 3P
   POWER-CHOKE WE-PD 3
7445302 WURTH-7445302 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
7445303 WURTH-7445303 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
7445404 WURTH-7445404 Datasheet
144Kb / 3P
   POWER-CHOKE WE-PD 3
74451122 WURTH-74451122 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
74451147 WURTH-74451147 Datasheet
94Kb / 3P
   POWER-CHOKE WE-PD 3
74453112 WURTH-74453112 Datasheet
151Kb / 3P
   POWER-CHOKE WE-PD 3
74454010 WURTH-74454010 Datasheet
144Kb / 3P
   POWER-CHOKE WE-PD 3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com