Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP01L60AT Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP01L60AT
Description  Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and costeffectiveness effectiveness
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP01L60AT Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP01L60AT_10 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP01L60AT_10 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP01L60AT_10 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP01L60AT_10 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP01L60AT_10 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Low Gate Charge
BVDSS
600V
▼ Fast Switching Characteristics
RDS(ON)
12Ω
▼ Simple Drive Requirement
ID
160mA
Description
Absolute Maximum Ratings
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V
mA
ID@TA=100℃
Continuous Drain Current, VGS @ 10V
mA
IDM
Pulsed Drain Current
1
mA
PD@TA=25℃
Total Power Dissipation
W
TSTG
TJ
Operating Junction Temperature Range
Thermal Data
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
150
℃/W
Data & specifications subject to change without notice
600
Parameter
201023073-1/4
Storage Temperature Range
-55 to 150
RoHS-compliant Product
-55 to 150
300
0.83
100
160
Parameter
Rating
AP01L60AT
± 30
G
D
S
TO-92
G
D
S
Advanced Power MOSFETs utilized advanced processing techniques to
achieve the lowest possible on-resistance, extremely efficient and cost-
effectiveness device.
The TO-92 package is widely used for commercial-industrial applications.


Similar Part No. - AP01L60AT_10

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP01L60AT A-POWER-AP01L60AT Datasheet
55Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP01L60AT_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP2410 IRF-IRFP2410 Datasheet
147Kb / 8P
   Fourth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon
IRF6621 IRF-IRF6621 Datasheet
254Kb / 9P
   The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance
logo
Infineon Technologies A...
AUIRF1018ES INFINEON-AUIRF1018ES Datasheet
664Kb / 10P
   Specifically designed for Automotive applications, this HEXFET짰 Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area.
2015-11-23
logo
International Rectifier
AUIRF2805 IRF-AUIRF2805 Datasheet
234Kb / 12P
   ADVANCED PLANAR TECHNOLOGY, LOW ON-RESISTANCE
AUIRF7304Q IRF-AUIRF7304Q Datasheet
222Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRFS3607 IRF-AUIRFS3607 Datasheet
289Kb / 13P
   Advanced Process Technology Low On-Resistance
AUIRF2903ZS IRF-AUIRF2903ZS Datasheet
235Kb / 14P
   Advanced Process Technology Low On-Resistance
AUIRF3315S IRF-AUIRF3315S Datasheet
320Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF2807 IRF-AUIRF2807 Datasheet
202Kb / 11P
   Advanced Planar Technology, Low On-Resistance
AUIRF6215 IRF-AUIRF6215 Datasheet
275Kb / 11P
   Advanced Planar Technology Low On-Resistance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com