Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE8961 Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # APE8961
Description  1A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8961 Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  APE8961 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8961 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8961 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8961 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8961 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8961 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8961 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8961 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8961 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Advanced Power
Electronics Corp.
APE8961
PACKAGE INFORMATION
ELECTRICAL SPECIFICATIONS (V
CC=12V, TA=25°C, unless otherwise specified)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Vcc Supply Voltage
Vcc
Io=1A
5.1
-
23
V
Feedback Voltage
VFB
Io=10mA, Vcc=10V
1.196
1.22
1.244
V
IO=10mA, Vcc=6V
4.9
5
5.1
IO=10mA, Vcc=10V
8.82
9
9.18
IO=10mA, Vcc=13V
11.76
12
12.24
GND Current
IGND
IO = 0~1A
-
1.2
3
mA
Shutdown Current
ISD
VEN =0V
-
0.15
0.4
mA
Load Regulation
VLoad
5mA < Io < 1A
-
0.5
1.5
%
Line Regulation
VLine
IO=10mA, VOUT+1.0V<VCC< VOUT+10V
-
0.1
0.5
%
Ripple Rejection Ratio
PSRR
Note1
-
65
-
dB
Io = 1A Vout=5V
-
0.14
0.2
Io = 1A Vout=9V
-
0.13
0.19
Io = 1A Vout=12V
-
0.1
0.15
Short circuit protect
Iscp
VOUT<20%
-
0.3
-
A
Current Limit
IL
1.1
-
-
A
VENH
High (regulator ON)
2
-
-
V
VENL
Low (regulator OFF)
-
-
0.8
V
IENH
VEN=2.5V (ON)
-
20
-
uA
IENL
VEN=0.3V (OFF)
-
-10
-
uA
VCC=5.5V
-
120
150
VCC=12V
-
80
100
Thermal Shutdown
TSD
-
140
-
°C
Note1. These parameters, although guaranteed, are not 100% tested in production.
PIN DESCRIPTIONS
PIN SYMBOL
PIN DESCRIPTION
GND
GND Pin
FB
Feedback Pin
Power -Off Pin
H : Normal Operation(Step-down)
L : Step-down Operation Stopped
(All circuits deactivated)
OUT
Output Voltage pin
VCC
IC Power Supply Pin
V
EN Pin Logic Input Threshold
Voltage
RDSON
mΩ
Output Voltage
VOUT
V
Dropout Voltage
VDROP
3
EN
EN Pin Input Current
Internal MOSFET RDSON
1GND
4EN
3OUT
2FB
Metal
Tab
OUT
( Top View )
( Side View)
TO-220-5L
5Vcc
Metal
Tab
OUT
(Top View )
( Side View )
TO-220-5LR
1GND
4EN
3OUT
2FB
5Vcc
(Top View )
1
2
3
4
8
7
6
5
GND
EN
SO-8
APE8961
Vcc
FB
OUT
OUT
OUT
OUT


Similar Part No. - APE8961

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8962 A-POWER-APE8962_14 Datasheet
329Kb / 14P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8969 A-POWER-APE8969 Datasheet
259Kb / 7P
   1.2A HIGH OUTPUT CURRENT LDO REGULATOR
More results

Similar Description - APE8961

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com