Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP84632 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP84632
Description  CMOS 8-bit Single Chip Microcomputer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP84632 Datasheet(HTML) 1 Page - Sony Corporation

  CXP84632 Datasheet HTML 1Page - Sony Corporation CXP84632 Datasheet HTML 2Page - Sony Corporation CXP84632 Datasheet HTML 3Page - Sony Corporation CXP84632 Datasheet HTML 4Page - Sony Corporation CXP84632 Datasheet HTML 5Page - Sony Corporation CXP84632 Datasheet HTML 6Page - Sony Corporation CXP84632 Datasheet HTML 7Page - Sony Corporation CXP84632 Datasheet HTML 8Page - Sony Corporation CXP84632 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
– 1 –
CXP84632/84640/84648
E96309-ST
CMOS 8-bit Single Chip Microcomputer
Description
The CXP84632/84640/84648 is a CMOS 8-bit single
chip microcomputer integrating on a single chip an
A/D converter, serial interface, timer/counter, time
base timer, capture timer/counter, I2C bus interface,
remote control reception circuit, PWM output, and
32kHz timer/counter besides the basic configurations
of 8-bit CPU, ROM, RAM, and I/O port.
The CXP84632/84640/84648 also provides a sleep/
stop function that enables lower power consumption.
Features
• Wide range instruction system (213 instructions) to cover various of data.
— 16-bit arithmetic/multiplication and division/Boolean bit operation instructions
• Minimum instruction cycle
250ns at 16MHz operation (4.5 to 5.5V)
333ns at 12MHz operation (3.0 to 5.5V)
122µs at 32kHz operation (2.7 to 5.5V)
• Incorporated ROM capacity
32K bytes (CXP84632)
40K bytes (CXP84640)
48K bytes (CXP84648)
• Incorporated RAM capacity
2048 bytes
• Peripheral functions
— A/D converter
8 bits, 8 channels, successive approximation method
(Conversion time 20µs/16MHz)
— Serial interface
Srart-stop synchronization (UART), 1 channel
Incorporated buffer RAM (Auto transfer for 1 to 32 bytes), 1 channel
Incorporated 8-bit, 10-stage FIFO
(Auto transfer for 1 to 10 bytes), 1 channel
8-bit clock syncronization (MSB/LSB first selectable), 1 channel
— Timer
8-bit timer, 8-bit timer/counter, 19-bit time base timer,
16-bit capture timer/counter, 32kHz timer/counter
— I2C bus interface
— Remote control reception circuit
8-bit pulse measurement counter, 6-stage FIFO
— PWM output circuit
12 bits, 2 channels
• Interruption
21 factors, 15 vectors, multi-interruption possible
• Standby mode
SLEEP/STOP
• Package
80-pin plastic QFP
• Piggyback/evaluation chip
CXP84600 80-pin ceramic QFP
Perchase of Sony's I2C components conveys a licence under the Philips I2C Patent Rights to use these components
in an I2C system, provided that the system conforms to the I2C Standard Specifications as defined by Philips.
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
80 pin QFP (Plastic)
Structure
Silicon gate CMOS IC


Similar Part No. - CXP84632

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP84600 SONY-CXP84600 Datasheet
228Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP846P48 SONY-CXP846P48 Datasheet
461Kb / 28P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP84632

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com