Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE1702 Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # APE1702
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1702 Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  APE1702_08 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1702_08 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Advanced Power
Electronics Corp.
APE1702
ABSOLUTE MAXIMUM RATINGS (at T
A=25°C)
Maximum Supply Voltage(VCC)
+24V
ON/OFF PIN Input Voltage(VEN)
-0.3V to VCC
Feedback PIN Voltage(VFB)
-0.3V to 16V
Output Voltage to Ground(VOUT)
-0.7 to 24V
Power Dissipation(PD)
(TJ-TA)/RthJA
Storage Temperature Range(TST)
-65°C To 150°C
Operating Temperature Range(TOP)
-40°C To 125°C
Operating Supply Voltage(VOP)
+4.5V to +22V
Thermal Resistance from Junction to Case(RthJC)
3.5°C/W
20°C/W
Note. Rth JA is measured with the PCB copper area(need connect to Metal tab) of approx. 3 in
2 (multi-layers)
PACKAGE INFORMATION
ELECTRICAL SPECIFICATIONS
(VIN=12V, TA=25℃, unless otherwise specified)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Quiescent Current
ICCQ
VFB=12V force driver off
-
4
8
mA
VFB=1.3V
-
-10
-50.0
(ADJ Version Only)
-
-10
-100.0
VEN=5V
-
35
100
uA
VCC=22V
-
35
100
uA
Pear Current, No outside circuit
VFB=0V force driver on
Max. Duty Cycle (ON)
VFB=0V force driver on
-
100
-
%
Min. Duty Cycle (OFF)
VFB=12V force driver off
-
0
-
%
127
150
173
KHz
110
-
173
KHz
Oscillation Frequency of Short
(Adjustable) When VFB < 0.5V
KHz
Circuit Protect
(Fixed) When < VOUT x 40%
KHz
IOUT=2A, No outside circuit
1.5
VFB=0V force driver on
1.6
3
Thermal Resistance from Junction to Ambient(RthJA)
Feedback Bias Current
IFB
nA
Shutdown Supply Current
ISD
A
DC
FOSC
Oscillation Frequency
Current Limit
3.3
-
-
ICL
FSCP
--
60
V
Saturation Voltage
VSAT
-
1.3
TO-263-5L
TO-220-5L


Similar Part No. - APE1702_08

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APE17024 APLUS-APE17024 Datasheet
247Kb / 7P
   very low cost voice and melody synthesizer with 4-bits CPU
More results

Similar Description - APE1702_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com