Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP84648 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXP84648
Description  CMOS 8-bit Single Chip Microcomputer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP84648 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXP84648 Datasheet HTML 6Page - Sony Corporation CXP84648 Datasheet HTML 7Page - Sony Corporation CXP84648 Datasheet HTML 8Page - Sony Corporation CXP84648 Datasheet HTML 9Page - Sony Corporation CXP84648 Datasheet HTML 10Page - Sony Corporation CXP84648 Datasheet HTML 11Page - Sony Corporation CXP84648 Datasheet HTML 12Page - Sony Corporation CXP84648 Datasheet HTML 13Page - Sony Corporation CXP84648 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
– 10 –
CXP84632/84640/84648
2 pins
Pin
When reset
Circuit format
EXTAL
XTAL
IP
EXTAL
XTAL
• Diagram shows circuit
composition during oscillation.
• Feedback resistor is removed
during stop, and XTAL
becomes High level.
IP
2 pins
Oscillation
TEX
TX
IP
TEX
• Diagram shows circuit
composition during oscillation.
IP
• When the operation of the oscillation
circuit is stopped by the software,
the feedback resistor is removed,
and TEX and TX become Low level
and High level respectively.
TX
1 pin
Low level
RST
Schmitt input
Pull-up resistor
Mask option
OP
IP
Oscillation


Similar Part No. - CXP84648

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP84600 SONY-CXP84600 Datasheet
228Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP846P48 SONY-CXP846P48 Datasheet
461Kb / 28P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP84648

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com