Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APU8831 Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APU8831
Description  300mA ULTRA LOW DROPOUT REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APU8831 Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APU8831 Datasheet HTML 1Page - Advanced Power Electronics Corp. APU8831 Datasheet HTML 2Page - Advanced Power Electronics Corp. APU8831 Datasheet HTML 3Page - Advanced Power Electronics Corp. APU8831 Datasheet HTML 4Page - Advanced Power Electronics Corp. APU8831 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APU8831
200712251
Data and specifications subject to change without notice.
DESCRIPTION
The APU8831 device is an efficient linear voltage regula-
tor with better than 2% initial voltage accuracy, very low
dropout voltage and very low ground current designed
especially for hand held, battery powered applications.
Other features of the device are: TTL compatible enable/
shutdown control input, current limiting and thermal shut-
down.
The APU8831 is available in fixed and adjustable output
voltage versions in a small SOT-23 5-Pin package.
300mA ULTRA LOW DROPOUT REGULATORS
5-PIN SOT-23 Package
Stable with 2.2
mF Ceramic Capacitor
2% Voltage Reference Accuracy
Only 270mV Dropout at 300mA
and 170mV Dropout at 150mA
5
mA Quiescent Current in Shutdown
Current Limit and Thermal Shutdown
Logic Input Enable Pin
RoHS Compliant
TYPICAL APPLICATION
Figure 1 - Typical application of the APU8831 ajustable voltage regulator.
Technology Licensed from International Rectifier
APPLICATIONS
Laptop, Notebook & Palmtop computers
Battery Powered Equipments
PCMCIA Vcc & Vpp Regulator
Consumer Electronics
High Efficiency Linear Power Supplies
FEATURES
PACKAGE ORDER INFORMATION
TJ (°C)
5-PIN
OUTPUT
SOT-23
VOLTAGE
0 To 125
APU8831Y5
Adj
VIN
VOUT
R1
R2
C1
2.2uF
C2
2.2uF
SD
Enable
4
1
5
VOUT
Adj
2
3 VIN
Gnd
En
Vo = 1.25
3 1+
R1
R2
(
)
1


Similar Part No. - APU8831

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU8836 A-POWER-APU8836 Datasheet
314Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
APU8836 A-POWER-APU8836_14 Datasheet
287Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
APU8836 A-POWER-APU8836_16 Datasheet
245Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
More results

Similar Description - APU8831

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
logo
Advanced Power Electron...
APU1205 A-POWER-APU1205 Datasheet
70Kb / 4P
   300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
APU8836 A-POWER-APU8836_16 Datasheet
245Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com