Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE8833 Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APE8833
Description  300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8833 Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APE8833 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8833 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8833 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8833 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8833 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8833 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8833 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Power
Electronics Corp.
FEATURES
DESCRIPTION
Low, Quiescent Current
Guaranteed 300mA Output Current
Over-Temperature Protection and Short-Circuit
Protection
Fixed Mode : 4.75V
Ultra Low Supply Shutdown Current
Stable with Low Cost Ceramic Capacitors
RoHS Compliant & Halogen Free
High PSRR
APPLICATIONS
Cellular Phones
Notebook Computers
PDAs
Hand-Held Devices
APE8833
-
Data and specifications subject to change without notice
200803211
APE8833
TYPICAL APPLICATION
1
300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
ORDERING INFORMATION
Y5 : SOT-23-5L
Package
Output Voltage
475 : 4.75V
The APE8833 series are low dropout, positive
linear regulators with very low quiescent current.
The APE8833 can supply 300mA output current
with a low dropout voltage.
The APE8833 regulator is able to operate with
output capacitors as small as 1µF for stability.
Other than the current limit protection APE8833
also offers on chip thermal shutdown feature
providing protection against overload or any
condition when the ambient temperature exceeds
the junction temperature.
The APE8833 series are offering several fixed
output voltage types and low-profile ,space-saving
SOT-23-5L package.


Similar Part No. - APE8833

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8837 A-POWER-APE8837 Datasheet
210Kb / 7P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8837 A-POWER-APE8837_14 Datasheet
1Mb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8837 A-POWER-APE8837_16 Datasheet
666Kb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
More results

Similar Description - APE8833

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
APE8835 A-POWER-APE8835_14 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G916 GMT-G916 Datasheet
480Kb / 13P
   300mA High PSRR, Low Noise, LDO Regulators
G917 GMT-G917 Datasheet
84Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G916 GMT-G916_15 Datasheet
91Kb / 2P
   300mA High PSRR, Low Noise, LDO Regulators
G914X GMT-G914X_15 Datasheet
63Kb / 1P
   300mA High PSRR, Low-Noise LDO Regulators
G918 GMT-G918 Datasheet
49Kb / 1P
   300mA High PSRR, Low Noise, LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com