Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP847P60 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXP847P60
Description  CMOS 8-bit Single Chip Microcomputer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP847P60 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXP847P60 Datasheet HTML 7Page - Sony Corporation CXP847P60 Datasheet HTML 8Page - Sony Corporation CXP847P60 Datasheet HTML 9Page - Sony Corporation CXP847P60 Datasheet HTML 10Page - Sony Corporation CXP847P60 Datasheet HTML 11Page - Sony Corporation CXP847P60 Datasheet HTML 12Page - Sony Corporation CXP847P60 Datasheet HTML 13Page - Sony Corporation CXP847P60 Datasheet HTML 14Page - Sony Corporation CXP847P60 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
– 11 –
CXP847P60
PF6/TxD
Control for
transmission and ports
"0" when reset
UART transmission circuit
Data bus
RD (Port F)
Port F data
"1" when reset
High level
1 pin
Port F
8 pins
PG0/PWM0
to
PG7/PWM7
Data bus
RD (Port G)
IP
Port G function
selection
"0" when reset
Port G data
Port G direction
"0" when reset
Pull-up resistor
PWM
"0" when reset
Pull-up transistors
approx. 100k
Ω (VDD = 4.5 to 5.5V)
approx. 300k
Ω (VDD = 3.0 to 3.6V)
Port G
Hi-Z
5 pins
Hi-Z
Data bus
RD (Port I)
IP
Port I data
"0" when reset
Port I direction
Pull-up resistor
"0" when reset
INT0
INT1
INT2
INT3
INT4
Schmitt input
Pull-up transistors
approx. 100k
Ω (VDD = 4.5 to 5.5V)
approx. 300k
Ω (VDD = 3.0 to 3.6V)
Port I
PI0/INT0
to
PI4/INT4
Hi-Z
AN0
to
AN3
IP
A/D converter
Input multiplexer
4 pins
When reset
Pin
Circuit format


Similar Part No. - CXP847P60

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP84700 SONY-CXP84700 Datasheet
556Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP84716 SONY-CXP84716 Datasheet
406Kb / 29P
   CMOS 8-bit Single Chip Microcomputer
CXP84720 SONY-CXP84720 Datasheet
406Kb / 29P
   CMOS 8-bit Single Chip Microcomputer
CXP84724 SONY-CXP84724 Datasheet
406Kb / 29P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP847P60

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com