Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE8903B Datasheet(PDF) 7 Page - Advanced Power Electronics Corp.

Part # APE8903B
Description  3A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8903B Datasheet(HTML) 7 Page - Advanced Power Electronics Corp.

Back Button APE8903B Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 9Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 10Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Advanced Power
Electronics Corp.
APE8903B
TYPICAL PERFORMANCE CHARACTERISTICS
7
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
3
3.5
4
4.5
5
5.5
6
VCNTL (V)
Line Regulation
VIN=1.8V, VOUT=1.2V
IOUT=10mA
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
00.5
11.522.5
3
IOUT (A)
Load Regulation
VCNTL=5V, VIN=1.8V,
VOUT=1.2V
0
100
200
300
400
500
600
700
800
00.5
11.5
2
2.5
3
IOUT (A)
Dropout Voltage (VCNTL=3.3V)
VOUT=1.2V
VOUT=1.5V
0
100
200
300
400
500
600
00.5
11.5
2
2.5
3
IOUT (A)
Dropout Voltage (VCNTL=5V)
VOUT=1.2V
VOUT=2.5V
VOUT=1.8V
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
-40℃ -20℃ 0℃
25℃ 50℃ 75℃ 100℃ 125℃
Temperature (℃)
Temperature VS VFB
VCNTL=5V, VIN=1.8V,
VOUT=1.2V, IOUT=10mA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40℃ -20℃
0℃
25℃
50℃
75℃ 100℃ 125℃
Temperature (℃)
Temperature VS Quiescent Current
VCNTL=5V, VIN=1.8V,
VOUT=1.2V, IOUT=0A


Similar Part No. - APE8903B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - APE8903B

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com