Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP85220A Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP85220A
Description  CMOS 8-bit Single-chip Microcomputer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP85220A Datasheet(HTML) 1 Page - Sony Corporation

  CXP85220A Datasheet HTML 1Page - Sony Corporation CXP85220A Datasheet HTML 2Page - Sony Corporation CXP85220A Datasheet HTML 3Page - Sony Corporation CXP85220A Datasheet HTML 4Page - Sony Corporation CXP85220A Datasheet HTML 5Page - Sony Corporation CXP85220A Datasheet HTML 6Page - Sony Corporation CXP85220A Datasheet HTML 7Page - Sony Corporation CXP85220A Datasheet HTML 8Page - Sony Corporation CXP85220A Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CMOS 8-bit Single-chip Microcomputer
Description
The
CXP85112B/85116B,
CXP85220A/85224A/
85228A/85232A
is
a
CMOS
8-bit
single
chip
microcomputer integrating on a single chip an A/D
converter, serial interface, timer/counter, time base
timer, vector interruption, on-screen display function,
I2C bus interface, PWM generator, remote control
reception circuit, HSYNC counter, power source
frequency counter and watch dog timer besides the
basic configurations of 8-bit CPU, ROM, RAM, and
l/O port.
The CXP85112B/85116B, CXP85220A/85224A/
85228A/85232A also provides a power-on reset
function and a sleep function that enables lower
power consumption.
Features
• Wide-range instruction system (213 instructions) to cover various types of data
— 16-bit arithmetic/multiplication and division/boolean bit operation instructions
• Minimum instruction cycle
1µs at 4MHz operation
• Incorporated ROM capacity
12K bytes (CXP85112B)
16K bytes (CXP85116B)
20K bytes (CXP85220A)
24K bytes (CXP85224A)
28K bytes (CXP85228A)
32K bytes (CXP85232A)
• Incorporated RAM capacity
352 bytes (CXP85112B/85116B)
448 bytes (CXP85220A/85224A/85228A/85232A)
• Peripheral functions
— On-screen display function
12
× 16 dots, 128 types
21 words
× 4 Iines (more than 4 Iines possible)
Double scan mode compatible, jitter elimination circuit
— I2C bus interface
— PWM output
14 bits, 1 channel
6 bits, 8 channels
— Remote control reception circuit
8-bit pulse measurement counter with on-chip 6-stage FIFO
— A/D converter
4 bits, 4channels, successive approximation method
(Conversion time of 40µs/4MHz)
— HSYNC counter
— Power supply frequency counter
— Watch dog timer
— Serial I/O
8-bit clock synchronization
— Timer
8-bit timer, 8-bit timer/counter, 19-bit time base timer
• Interruption
14 factors, 14 vectors, multi-interruption possible
• Standby mode
Sleep
• Package
64-pin plastic SDIP/QFP
• Piggyback/evaluation chip
CXP85100A, CXP85190 (Custom font compatible)
CXP85200A, CXP85290 (Custom font compatible)
– 1 –
E93Z17B86
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXP85112B/85116B
CXP85220A/85224A/85228A/85232A
64 pin SDIP (Plastic)
64 pin QFP (Plastic)
Structure
Silicon gate CMOS IC
Purchase of Sony's I2C components conveys a license under the Philips I2C Patent Rights to use these components
in an I2C system, provided that the system conforms to the I2C Standard Specifications as defined by Philips.


Similar Part No. - CXP85220A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85200A SONY-CXP85200A Datasheet
358Kb / 12P
   CMOS 8-bit 1-chip Microcomputer
CXP85290A SONY-CXP85290A Datasheet
358Kb / 12P
   CMOS 8-bit 1-chip Microcomputer
CXP852P32A SONY-CXP852P32A Datasheet
256Kb / 21P
   CMOS 8-bit Single-chip Microcomputer
More results

Similar Description - CXP85220A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com