Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-RM012-240 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-RM012-240
Description  MF-RM Series - PTC Resettable Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RM012-240 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-RM012-240 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RM012-240 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RM012-240 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RM012-240 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RM012-240 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Environmental Characteristics
Operating Temperature.................................... -20 °C to +85 °C
Humidity Aging................................................. +85 °C, 85 % R.H. 1000 hours .........................Rmin ≤ R ≤ R1max
Passive Aging .................................................. +85 °C, 1000 hours...........................................Rmin ≤ R ≤ R1max
Vibration .......................................................... MIL-STD-883C, Method 2007.1,.......................No change
Condition A
Solvent Resistance.......................................... MIL-STD-202, Method 215 ...............................No change
Test Procedures And Requirements For Model MF-RM Series
Item
Test Conditions
Accept/Reject Criteria
Visual/Mechanical............................................ Verify dimensions and material.........................Per MF physical description
Resistance....................................................... In still air @ 23 °C.............................................Rmin ≤ R ≤ R1max
Time to Trip...................................................... 240 Vac, specified current ................................T ≤ max. time to trip
Hold Current .................................................... At Ihold..............................................................No trip
Trip Cycle Life.................................................. 240 Vac, Imax, 100 cycles ................................No arcing or burning
Trip Endurance ................................................ a) 240 Vac, Imax, 24 hours ..............................No arcing or burning
b) 265 Vac, Imax, 30 mins.
Solderability ..................................................... MIL-STD-202, Method 208 ...............................95 % min. coverage
UL File Number ............................................... E174545
Electrical Characteristics
Model
Typical Current
Trip Limit
Vmax
Imax
Initial
Resistance
One Hour
Post-Trip
Resistance
Max.
Time to Trip
Tripped
Power
Dissipation
Ihold
at 23 °C
Itrip
at 23 °C
Operating
Voltage
Interrupt
Voltage
Interrupt
Current
RMin.
at 23 °C
R1 Max.
at 23 °C
at 23 °C
PD Typ.
at 23 °C
(A)
(A)
(Vac)
(Vac)
(A)
(Ohms)
(Ohms)
(A)
(Sec.)
(W)
MF-RM005/240
0.05
0.12
240
265
1.0
18.50
65.00
0.25
10.0
0.9
MF-RM008/240
0.08
0.19
240
265
1.2
7.40
26.00
0.40
10.0
0.9
MF-RM012/240
0.12
0.30
240
265
1.2
3.00
12.00
0.60
15.0
1.0
MF-RM016/240
0.16
0.37
240
265
2.0
2.50
7.80
0.80
15.0
1.4
MF-RM025/240
0.25
0.56
240
265
3.5
1.30
3.80
1.25
18.5
1.5
MF-RM033/240
0.33
0.74
240
265
4.5
0.77
2.60
1.65
21.0
1.7
MF-RM040/240
0.40
0.90
240
265
5.5
0.60
1.90
2.00
24.0
2.0
MF-RM055/240
0.55
1.25
240
265
7.0
0.45
1.45
2.75
26.0
3.4
Features
Radial leaded devices
Cured, flame retardant epoxy polymer
insulating material meets UL 94V-0
requirements
Bulk packaging, tape and reel available
Resettable circuit protection
Agency recognition:
RoHS compliant*
Applications
Food blenders, coffee machines
HVAC
Electric fans, blowers
AC adaptors
MF-RM Series - PTC Resettable Fuses
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
RM055
0220S


Similar Part No. - MF-RM012-240

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
210Kb / 6P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
710Kb / 6P
   PTC Resettable Fuses
MF-R005 BOURNS-MF-R005 Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-R005 BOURNS-MF-R005 Datasheet
210Kb / 6P
   Almost anywhere there is a low voltage power supply and a load to be protected, including
More results

Similar Description - MF-RM012-240

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
   MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
   MF-PSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
   MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-NSHT BOURNS-MF-NSHT Datasheet
344Kb / 6P
   MF-NSHT Series - PTC Resettable Fuses
REV. F 07/20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com