Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-RM025-240 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-RM025-240
Description  MF-RM Series - PTC Resettable Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RM025-240 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-RM025-240 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RM025-240 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RM025-240 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RM025-240 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RM025-240 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MF-RX Series - PTC Resettable Fuses
Product Dimensions
Advantages
Resettable feature with overtemperature and overcurrent protection
can save expensive components from having to be replaced after
tripping, e.g., transformers with built in thermal fuses
Faster than bimetallic switch designs that take on average
approximately 30 seconds to cool down and reset
Generally lower electromagnetic interference than bimetallic switches
Benefits
Reduced repair and replacement costs
Reduced nuisance tripping
Combined overcurrent and overtemperature protector in one device
Model
A
B
C
D
E
Physical Characteristics
Max.
Max.
Nom.
Tol. ±
Min.
Max.
Style
Lead Dia.
Material
MF-RM005/240
8.3
12.9
5.1
0.7
7.6
3.8
1
0.51
Sn/Cu
(0.327)
(0.508)
(0.201)
(0.028)
(0.299)
(0.150)
(0.020)
MF-RM008/240
8.3
12.9
5.1
0.7
7.6
3.8
1
0.51
Sn/Cu
(0.327)
(0.508)
(0.201)
(0.028)
(0.299)
(0.150)
(0.020)
MF-RM012/240
8.3
12.9
5.1
0.7
7.6
3.8
1
0.51
Sn/Cu
(0.327)
(0.508)
(0.201)
(0.028)
(0.299)
(0.150)
(0.020)
MF-RM016/240
9.9
13.8
5.1
0.7
7.6
3.8
1
0.51
Sn/Cu
(0.390)
(0.543)
(0.201)
(0.028)
(0.299)
(0.150)
(0.020)
MF-RM025/240
10.0
20.0
5.1
0.7
7.6
3.8
2
0.65
Sn/Cu
(0.394)
(0.787)
(0.201)
(0.028)
(0.299)
(0.150)
(0.026)
MF-RM033/240
11.4
20.0
5.1
0.7
7.6
3.8
2
0.65
Sn/Cu
(0.449)
(0.787)
(0.201)
(0.028)
(0.299)
(0.150)
(0.026)
MF-RM040/240
11.5
20.9
5.1
0.7
7.6
3.8
2
0.65
Sn/Cu
(0.453)
(0.823)
(0.201)
(0.028)
(0.299)
(0.150)
(0.026)
MF-RM055/240
14.0
22.4
5.1
0.7
7.6
4.1
2
0.81
Sn/Cu
(0.551)
(0.882)
(0.201)
(0.028)
(0.299)
(0.161)
(0.032)
Packaging options:
BULK: 500 pcs. per bag.
TAPE & REEL: 2000 pcs. per reel (MF-RM005/240~MF-RM040/240); 1000 pcs. per reel (MF-RM055/240)
D
B
E
LEAD
DIA.
C
A
D
B
E
LEAD
DIA.
C
A
Typical Part Marking
Represents total content. Layout may vary.
RM055
0220S
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
NEXT THREE DIGITS =
DAY OF YEAR)
COUNTRY OF
MANUFACTURE
(T = TAIWAN
S = CHINA)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-RM Series - PTC Resettable Fuses
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-20 ºC
0 ºC
23 ºC
40 ºC
50 ºC
60 ºC
70 ºC
85 ºC
MF-RM005/240
0.08
0.06
0.05
0.04
0.04
0.03
0.03
0.02
MF-RM008/240
0.12
0.10
0.08
0.07
0.06
0.05
0.04
0.03
MF-RM012/240
0.18
0.15
0.12
0.10
0.09
0.07
0.06
0.04
MF-RM016/240
0.24
0.20
0.16
0.13
0.11
0.10
0.08
0.05
MF-RM025/240
0.38
0.32
0.25
0.21
0.18
0.15
0.13
0.09
MF-RM033/240
0.50
0.42
0.33
0.27
0.23
0.20
0.17
0.11
MF-RM040/240
0.61
0.51
0.40
0.33
0.28
0.24
0.20
0.14
MF-RM055/240
0.80
0.68
0.55
0.46
0.40
0.35
0.29
0.22
0.51 (24AWG)
0.65 (22AWG)
0.81 (20AWG)
Style 1
Style 2
DIMENSIONS:
MM
(INCHES)


Similar Part No. - MF-RM025-240

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
210Kb / 6P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
710Kb / 6P
   PTC Resettable Fuses
MF-R005 BOURNS-MF-R005 Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-R005 BOURNS-MF-R005 Datasheet
210Kb / 6P
   Almost anywhere there is a low voltage power supply and a load to be protected, including
More results

Similar Description - MF-RM025-240

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
   MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
   MF-PSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
   MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-NSHT BOURNS-MF-NSHT Datasheet
344Kb / 6P
   MF-NSHT Series - PTC Resettable Fuses
REV. F 07/20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com