Electronic Components Datasheet Search |
|
MF-RM025-240 Datasheet(PDF) 4 Page - Bourns Electronic Solutions |
|
MF-RM025-240 Datasheet(HTML) 4 Page - Bourns Electronic Solutions |
4 / 5 page IEC EIA Dimensions Dimension Description Mark Mark Dimensions Tolerance Carrier tape width W W 18 -0.5/+1.0 (.709) (-0.02/+.039) Hold down tape width W0 W4 11 min. (.433) Hold down tape No protrusion Top distance between tape edges W2 W6 3 max. (.118) Sprocket hole position W1 W5 9 -0.5/+0.75 (.354) (-0.02/+0.03) Sprocket hole diameter D0 D0 4 ±0.2 (.157) (±.079) Abscissa to plane (MF-RM005/240~MF-RM016/240) H H 18.5 ±3.0 (.728) (±.118) Abscissa to plane (MF-RM025/240~MF-RM055/240) H0 H0 16 ±0.5 (.63) (±.02) Abscissa to top (MF-RM005/240~MF-RM016/240) H1 H1 32.2 max. (1.268) Abscissa to top (MF-RM025/240~MF-RM055/240) H1 H1 45.0 max. (1.772) Overall width w/lead protrusion (MF-RM005/240~MF-RM016/240) C1 43.2 max. (1.701) Overall width w/lead protrusion (MF-RM025/240~MF-RM055/240) C1 56.0 max. (2.205) Overall width w/o lead protrusion (MF-RM005/240~MF-RM016/240) C2 42.5 max. (1.673) Overall width w/o lead protrusion (MF-RM025/240~MF-RM055/240) C2 56.0 max. (2.205) Lead protrusion I1 L1 1.0 max. (.039) Protrusion of cutout L L 11 max. (.433) Protrusion beyond hold-down tape I2 I2 Not specified Sprocket hole pitch P0 P0 12.7 ±0.3 (.500) (±.012) Pitch tolerance 20 consecutive ±1 (±.039) Device pitch (MF-RM005/240-MF-RM040/240) 12.7 ±0.3 (.500) (±.012) Device pitch (MF-RM055/240) 25.4 ±0.6 (1.00) (±.024) Tape thickness t t 0.9 max. (.035) Tape thickness with splice (MF-RM005/240~MF-RM040/240) t1 1.5 max. (.059) Tape thickness with splice (MF-RM055/240) t1 2.3 max. (.091) Splice sprocket hole alignment 0 ±0.3 (±.012) Body lateral deviation Δh Δh 0 ±1 (±.039) Body tape plane deviation Δp Δp 0 ±0.3 (±.012) Lead seating plane deviation ΔP1 P1 3.81 ±0.7 (.015) (±.028) Lead spacing F F 5.08 +0.8/-0.5 (.200) (+.031/-.020) MF-RM Series Tape and Reel Specifications Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Devices taped using EIA468–B/IEC60286-2 standards. See table below and Figures 1 and 2 for details. DIMENSIONS: MM (INCHES) |
Similar Part No. - MF-RM025-240 |
|
Similar Description - MF-RM025-240 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |