Electronic Components Datasheet Search |
|
SMAJ7.0A Datasheet(PDF) 72 Page - Littelfuse |
|
SMAJ7.0A Datasheet(HTML) 72 Page - Littelfuse |
72 / 146 page 68 Transient Voltage Suppression Diodes ©2008 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information. Axial Leaded – 400W > P4KE series P4KE Series Physical Specifications Weight 0.012oz., 0.3g Case JEDEC DO-204AL (DO-41) molded plastic body over passivated junction. Polarity Color band denotes the cathode except Bipolar. Terminal Matte Tin axial leads, solderable per JESD22-B102D. Dimensions Dimensions Inches Millimeters Min Max Min Max A 1.000 - 25.40 - B 0.160 0.205 4.10 5.20 C 0.028 0.034 0.71 0.86 D 0.080 0.107 2.00 2.70 D A A C B DO-204AL (DO-41) Environmental Specifications Temperature Cycle JESD22-A104 Pressure Cooker JESD 22-A102 High Temp. Storage JESD22-A103 HTRB JESD22-A108 Thermal Shock JESD22-A106 Soldering Parameters Time (t) T s(min) T s(max) T L T P t s Preheat t L t p Ramp-up Critical Zone T L to T P Ramp-down t 25˚C to Peak 25˚C Reflow Condition Pre Heat -Temperature Min (T s(min)) 150°C -Temperature Max (T s(max)) 200°C -Time (min to max) (t s) Average ramp up rate (LiquidusTemp (T L) to peak 3°C/second max T S(max) to TL - Ramp-up Rate 3°C/second max Reflow -Temperature (T L) (Liquidus) 217°C -Time (min to max) (t s) PeakTemperature (T P) 260+0/-5 °C Time within 5°C of actual peak Temperature (t p) Ramp-down Rate 6°C/second max Time 25°C to peakTemperature (T P) 8 minutes Max. Do not exceed 280°C Flow/Wave Soldering (Solder Dipping) Peak Temperature : 260OC Dipping Time : 5 seconds Soldering : 1 time |
Similar Part No. - SMAJ7.0A |
|
Similar Description - SMAJ7.0A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |