Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ7.0A Datasheet(PDF) 81 Page - Littelfuse

Part # SMAJ7.0A
Description  TVS Diode Products
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMAJ7.0A Datasheet(HTML) 81 Page - Littelfuse

Back Button SMAJ7.0A Datasheet HTML 77Page - Littelfuse SMAJ7.0A Datasheet HTML 78Page - Littelfuse SMAJ7.0A Datasheet HTML 79Page - Littelfuse SMAJ7.0A Datasheet HTML 80Page - Littelfuse SMAJ7.0A Datasheet HTML 81Page - Littelfuse SMAJ7.0A Datasheet HTML 82Page - Littelfuse SMAJ7.0A Datasheet HTML 83Page - Littelfuse SMAJ7.0A Datasheet HTML 84Page - Littelfuse SMAJ7.0A Datasheet HTML 85Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 146 page
background image
77
©2008 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Transient Voltage Suppression Diodes
SAC Series
Axial Leaded – 500W > SAC series
AGENCY
AGENCY FILE NUMBER
E230531
SAC Series
RoHS
The SAC Series is designed specifically to protect sensitive
electronic equipment from voltage transients induced by
lightning and other transient voltage events.
Description
TVS devices are ideal for the protection of I/O interfaces,
V
CC bus and other vulnerable circuits used in telecom,
computer, industrial and consumer electronic applications.
Applications
Features
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation by
10x1000μs test waveform (Fig.1)
(Note 1)
P
PPM
500
W
Steady State Power Dissipation on
infinite heat sink at T
L=75ºC (Fig. 5)
P
D
3.0
W
Operating Junction and Storage
Temperature Range
T
J, TSTG
-55 to 175
°C
Note:
1. Non-repetitive current pulse , per Fig. 3 and derated above T
A = 25
O
C per Fig. 2.
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Agency Approvals
junction in DO-15
Package
capability at 10×1000μs
waveform, repetition rate
(duty cycles):0.01%
typically less than 1.0ps
from 0 Volts to BV min
capability
resistance
soldering guaranteed:
260°C/40 seconds /
0.375”,(9.5mm) lead
length, 5 lbs., (2.3kg)
tension
Underwriters Laboratory
Flammability classification
94V-O
plated
applications
Electrical Characteristics
Part
Number
Reverse
Stand off
Voltage V
R
(V)
Breakdown
Voltage V
BR
(V)
Maximum
Reverse
Leakage
I
R @ VR
(μA)
Maximum
Clamping
Voltage at
I
pp=5.0A
V
C (V)
Maximum
Peak
Pulse
Current
(Fig.3)
I
PP (A)
Maximum
Junction
Capacitance
@ 0Volts
(pF)
Working
Inverse
Blocking
Voltage
V
WIB (V)
Inverse
Blocking
Leakage
Current at
I
IB @ VWIB
(mA)
Peak
Inverse
Blocking
Voltage
V
PIB (V)
Agency
Approval
MIN
SAC5.0
5.0
7.60
300
10.0
44.0
50
75
1.0
100
X
SAC6.0
6.0
7.90
300
11.2
41.0
50
75
1.0
100
X
SAC7.0
7.0
8.33
300
12.6
38.0
50
75
1.0
100
X
SAC8.0
8.0
8.89
100
13.4
36.0
50
75
1.0
100
X
SAC8.5
8.5
9.44
50
14.0
34.0
50
75
1.0
100
X
SAC10
10.0
11.10
5
16.3
29.0
50
75
1.0
100
X
SAC12
12.0
13.30
1
19.0
25.0
50
75
1.0
100
X
SAC15
15.0
16.70
1
23.6
20.0
50
75
1.0
100
X
SAC18
18.0
20.00
1
28.8
15.0
50
75
1.0
100
X
SAC22
22.0
24.40
1
35.4
14.0
50
75
1.0
100
X
SAC26
26.0
28.90
1
42.3
11.1
50
75
1.0
100
X
SAC30
30.0
33.30
1
48.6
10.0
50
75
1.0
100
X
SAC36
36.0
40.00
1
60.0
8.6
50
75
1.0
100
X
SAC45
45.0
50.00
1
77.0
6.8
50
150
1.0
200
X
SAC50
50.0
55.50
1
88.0
5.8
50
150
1.0
200
X


Similar Part No. - SMAJ7.0A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ7.0A LITTELFUSE-SMAJ7.0A Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Socay Electornics Co., ...
SMAJ7.0A SOCAY-SMAJ7.0A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ7.0A JGD-SMAJ7.0A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bourns Electronic Solut...
SMAJ7.0A BOURNS-SMAJ7.0A Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Shenzhen Luguang Electr...
SMAJ7.0A LUGUANG-SMAJ7.0A Datasheet
844Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMAJ7.0A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USD03W UTC-USD03W Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
logo
Bourns Electronic Solut...
ESD1204 BOURNS-ESD1204 Datasheet
122Kb / 1P
   Bourns Releases New Power TVS (PTVS) Products
CD143A_MDS BOURNS-CD143A_MDS Datasheet
184Kb / 1P
   CD143A Series Diode Products
logo
AUK corp
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010 TOREX-XBP1010 Datasheet
189Kb / 5P
   TVS Diode
XBP1011 TOREX-XBP1011 Datasheet
187Kb / 5P
   TVS Diode
logo
KODENSHI_AUK CORP.
SDT05H KODENSHI-SDT05H Datasheet
174Kb / 4P
   TVS Diode
logo
AUK corp
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
   TVS Diode
SDT12SF AUK-SDT12SF_1 Datasheet
55Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010-12 TOREX-XBP1010-12 Datasheet
189Kb / 5P
   TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com