Selected language     English  ▼


SMAJ7.0A Datasheet(PDF) 1 Page - Littelfuse

Part No. SMAJ7.0A
Description  TVS Diode Products
Download  146 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

 
 1 page
background image
Silicon Avalanche Diodes
254
www .littelfuse .com
400W Surface Mount Transient Voltage Supressors
SMAJ Series
FEATURES
RoHS compliant
For surface mounted applications in order to optimize
board space
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Excellent clamping capability
Repetition Rate (duty cycle): 0.01%
Fast response time: typically less than 1.0ps from 0 Volts to
V(BR) for unidirectional types
Typical IR less than 1A above 10V
High Temperature soldering: 250˚C/10 seconds at terminals
Plastic package has Underwriters Laboratory
Flammability 94V-O
MAXIMUM RATINGS AND CHARACTERISTICS
@25˚C AMBIENT TEMPERATURE (unless otherwise noted)
PARAMETER
Peak pulse power Dissipation on
10/1000µs waveform
(note 1,2, FIG.1)
Peak pulse current of on 10\1000µs
waveform (note 1, FIG.3)
Peak forward Surge Current, 8.3ms
Single Half SIne Wave Superimposed
on Rated Load, (JEDEC Method)
(note 2.3)
Operating junction and Storage
Temperature Range
VALUE
Min
400
SEE TABLE 1
40
-55 to +150
UNIT
Watts
Amps
Amps
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=
25˚C per Fig.2
2. Mounted on 5.0mm2(0.03mm thick) Copper Pads to each
terminal
3. 8.3 ms single half sine-wave, or equivalent square wave, Duty
cycle= 4 pulses per minute maximum.
SYMBOL
PPPM
IPPM
IFSM
Tj, TsTG
®
SMAJ
C A
Voltage
Bi-Directional
5% Voltage Tolerance
Tape and reeled (5000 pcs)
ORDERING INFORMATION
Agency Approvals: Recognized under the Components Program
of Underwriters Laboratories.
Agency File Number: E128662
Mechanical Specifications:
Weight:
0.002ounce, 0.061 gram
Case:
JEDEC DO-214AC Molded Plastic over
glass passivated junction
Mounting Position:
Any
Polarity:
Color band denotes cathode except
Bipolar
Terminal:
Solder Plated, solderable per
MIL-STD-750, Method 2026
Standard Packaging:
12mm tape (EIA STD RS-481)
RoHS




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl