Electronic Components Datasheet Search |
|
SMAJ7.0A Datasheet(PDF) 14 Page - Littelfuse |
|
SMAJ7.0A Datasheet(HTML) 14 Page - Littelfuse |
14 / 146 page 10 Transient Voltage Suppression Diodes ©2008 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information. SMAJ Series Surface Mount – 400W > SMAJ series Dimensions Physical Specifications Weight 0.002 ounce, 0.061 gram Case JEDEC DO-214AC Molded Plastic over glass passivated junction Polarity Color band denotes cathode except Bipolar Terminal Matte Tin-plated leads, Solderable per JESD22-B102D Dimensions Inches Millimeters Min Max Min Max A 0.049 0.065 1.250 1.650 B 0.157 0.177 3.990 4.500 C 0.100 0.110 2.540 2.790 D 0.078 0.090 1.980 2.290 E 0.030 0.060 0.780 1.520 F - 0.008 - 0.203 G 0.194 0.208 4.930 5.280 H 0.006 0.012 0.152 0.305 I 0.070 - 1.800 - J 0.082 - 2.100 - K - 0.090 - 2.300 L 0.082 - 2.100 - Environmental Specifications Temperature Cycle MIL-STD-883F, Method 1010.8 Pressure Cooker JESD 22-A102C High Temp. Storage JESD 22-A103C HTRB JESD , 22-108C Thermal Shock JESD 22 A 106 Soldering Parameters Time (t) T s(min) T s(max) T L T P t s Preheat t L t p Ramp-up Critical Zone T L to T P Ramp-down t 25˚C to Peak 25˚C Reflow Condition Pre Heat -Temperature Min (T s(min)) 150°C -Temperature Max (T s(max)) 200°C -Time (min to max) (t s) Average ramp up rate (LiquidusTemp (T L) to peak 3°C/second max T S(max) to TL - Ramp-up Rate 3°C/second max Reflow -Temperature (T L) (Liquidus) 217°C -Time (min to max) (t s) PeakTemperature (T P) 260+0/-5 °C Time within 5°C of actual peak Temperature (t p) Ramp-down Rate 6°C/second max Time 25°C to peakTemperature (T P) 8 minutes Max. Do not exceed 280°C DO-214AC (SMA) Cathode Band A D E G F H C B I L K J |
Similar Part No. - SMAJ7.0A |
|
Similar Description - SMAJ7.0A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |