Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IEC62281 Datasheet(PDF) 4 Page - Littelfuse

Part # IEC62281
Description  Introduction to Li-ion Battery Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

IEC62281 Datasheet(HTML) 4 Page - Littelfuse

  IEC62281 Datasheet HTML 1Page - Littelfuse IEC62281 Datasheet HTML 2Page - Littelfuse IEC62281 Datasheet HTML 3Page - Littelfuse IEC62281 Datasheet HTML 4Page - Littelfuse IEC62281 Datasheet HTML 5Page - Littelfuse IEC62281 Datasheet HTML 6Page - Littelfuse IEC62281 Datasheet HTML 7Page - Littelfuse IEC62281 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
c
n
I
,
e
s
u
fl
e
tt
i
L
12
0
2
©
Application Note:
Use of Low Resistivity Surface Mount PPTC
in Li-ion Polymer Battery Packs
General Safety Standard that Applies to
Smartphones and Tablets
IEC/UL/EN 60950-1 - Information Technology Equip-
ment Safety, Part 1: General Requirement
The standard applies to battery operated devices that
can be charged from AC mains supply.
Sec 2.5 – Limited Power Source
– Fire enclosure requirements in 4.7.2 are reduced or
not required if the components/connectors are
connected to a Limited Power Source.
– This allows designer to reduce cost, use thinner
materials, etc.
– Limited Power Source spec has two tables:
Table 2B – no OC protective device (so using PTC or
electronic fuse)
– Must limit current to 8A within 5 sec if using PTC
Table 2C – OC protective device is used (fuse)
– Fuse rating 5A or less (210% / 120sec overload
gate)
– Limit Short ckt current to less than 1000 / Vmax
and 250VA within 60sec
Where an overcurrent protective device is used, it
shall be a fuse or a non-adjustable, non-autorest,
electromechanical device
Agency Approvals: Littelfuse PPTCs are recognized
under the Component Program of Underwriters
Laboratories to UL Standard 1434 for Thermistors. The
devices have also been certied under the CSA Com-
ponent Acceptance Program.
Introduction to PPTC Technology
PTC stands for Positive Temperature Coefcient,
which means the resistance of the device increases as
its temperature goes up. PTCs increase in resistance
as temperature increases due to increased current
ow. Polymer PPTC (PPTC) devices are made of a
polymer plastic material. Unlike a typical “one-time”
fuse, a PPTC device (see Figure 4) will reset when
cooled.
Figure 4. How a PPTC works
Figure 5. PPTC resistors
Carbon
Crystalline Polymer
Under Normal Operation
At operating current
Many conductive paths
Very low resistance
Carbon
Amorphous
Under Fault Condition
Excessive current causes
device to heat up
Fewer conductive paths
Result is high resistance
Cools down and resets
when fault is removed
How a PPTC Works
RPTC
RL
I
V
Voltage
Source
Load
Resistance


Similar Part No. - IEC62281

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IEC60068-1 ROSENBERGER-IEC60068-1 Datasheet
81Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - JACK
IEC60068-2 ROSENBERGER-IEC60068-2 Datasheet
40Kb / 2P
   ADAPTOR
IEC60068-2 ROSENBERGER-IEC60068-2 Datasheet
59Kb / 2P
   ADAPTOR QMA PLUG ??7/16 PLUG
IEC60068-2-1 ROSENBERGER-IEC60068-2-1 Datasheet
42Kb / 2P
   Adaptor SCREW ON 1.6/5.6 III PLUG ??BNC 75 ??PLUG
IEC60068-2-1 ROSENBERGER-IEC60068-2-1 Datasheet
40Kb / 2P
   ADAPTOR, SCREW ON 1.6/5.6 III PLUG ??BNC 75 JACK
More results

Similar Description - IEC62281

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICR18650 ETC-ICR18650 Datasheet
237Kb / 7P
   Polymer Li-ion Battery Technology Specification
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com