Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UL2054 Datasheet(PDF) 3 Page - Littelfuse

Part # UL2054
Description  Introduction to Li-ion Battery Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

UL2054 Datasheet(HTML) 3 Page - Littelfuse

  UL2054 Datasheet HTML 1Page - Littelfuse UL2054 Datasheet HTML 2Page - Littelfuse UL2054 Datasheet HTML 3Page - Littelfuse UL2054 Datasheet HTML 4Page - Littelfuse UL2054 Datasheet HTML 5Page - Littelfuse UL2054 Datasheet HTML 6Page - Littelfuse UL2054 Datasheet HTML 7Page - Littelfuse UL2054 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
c
n
I
,
e
s
u
fl
e
tt
i
L
12
0
2
©
1. Short-Circuit tests and Forced Discharge tests:
These tests are conducted by discharging the
battery with a low resistance load and then allowing
the battery to protect itself or fail by re or
explosion; the latter being a test failure. A test pass
is when battery returns to a safe temperature. Tests
are done at room temperature and elevated
temperatures.
2. Abnormal Charging test, Overcharging test, High
Charging Rate test: These tests are conducted by
subjecting the battery pack to several times more
than the normal charging current or charging at an
abnormally fast rate. When there is a non-resettable
over-current device present, the test is repeated at
a current below which the device activates.
3. Heating and Temperature Cycling tests. These tests
are conducted by raising and cycling the battery
pack to high temperature and then checking to see
if the pack responds safely. Fire, explosion, and
venting would be considered failures.
The purpose of the safety standards is to ensure the
battery pack and cells have protection mechanisms
designed into the overall system to prevent rapid
thermal runaway, re, explosion, rupture, venting, or
even gas bloating of the battery packs. All of these
events can create a hazard to the user or any equip-
ment used with the battery pack.
Typical Li-ion and lithium-polymer battery packs have
several levels of protection in order to meet the
required safety standards and to protect the user and
equipment from battery failure hazards. In addition to
internal cell level protection, external protection
solutions are added to provide further safety mea-
sures. Some battery packs will use what is called a
Battery Management Unit (BMU), which is a small
print circuit board with several protection components
(see Figure 2). The BMU will have a central processing
device, which is usually an IC that controls the battery
charge and monitors the pack for unsafe conditions.
The battery controller IC controls two FETs, which act
as the charge and discharge switches. The battery IC
will turn these FETs off as the primary way to shut
down the battery pack. The IC will use thermistors and
temperature cut-outs (TCO) to sense temperature,
current sense resistors to monitor current, gas gauges
to monitor gas buildup, and fuel gauges to monitor
charge. Upon any unsafe condition, the IC will turn the
FETs off to shut down the pack and stop the fault
event. Because the Li-ion chemistry is so dangerous in
certain conditions, there must be a secondary method
for protection. This secondary protector can be a PPTC
(polymeric positive temperature coefcient) resettable
fuse, thermal fuse, or a controllable battery protector
(see Figure 3).
Figure 2. A typical Battery Management Unit (BMU) design
Figure 3. A secondary method of battery protection
Application Note:
Use of Low Resistivity Surface Mount PPTC
in Li-ion Polymer Battery Packs
Control IC
Battery Pack
Discharge
Charge
Switch
Switch
+
SMD PTC
Battery
Cell
Battery
cell
PCM


Similar Part No. - UL2054

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL205BC ETC2-UL205BC Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
UL205BC ETC2-UL205BC Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
UL205BD ETC2-UL205BD Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
UL205BD ETC2-UL205BD Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
More results

Similar Description - UL2054

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICR18650 ETC-ICR18650 Datasheet
237Kb / 7P
   Polymer Li-ion Battery Technology Specification
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com