Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206L400SL Datasheet(PDF) 3 Page - Littelfuse

Part # 1206L400SL
Description  LoRhoTM Surface Mount Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L400SL Datasheet(HTML) 3 Page - Littelfuse

  1206L400SL Datasheet HTML 1Page - Littelfuse 1206L400SL Datasheet HTML 2Page - Littelfuse 1206L400SL Datasheet HTML 3Page - Littelfuse 1206L400SL Datasheet HTML 4Page - Littelfuse 1206L400SL Datasheet HTML 5Page - Littelfuse 1206L400SL Datasheet HTML 6Page - Littelfuse 1206L400SL Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Revised: October 9, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/LoRho.html for current information.
Surface Mount > LoRhoTM Series
Lo Rho Series
Temperature Rerating
Ambient Operation Temperature
-40°C
-20°C
0°C
20°C
40°C
60°C
70°C
85°C
Part Number
Hold Current (A)
0402L010SL
0.15
0.13
0.12
0.10
0.09
0.07
0.06
0.05
0402L020SL
0.29
0.27
0.24
0.20
0.17
0.14
0.11
0.10
0402L035SL
0.51
0.47
0.41
0.35
0.30
0.25
0.20
0.18
0402L050SL
0.74
0.67
0.59
0.50
0.43
0.36
0.29
0.26
0603L050SL
0.82
0.73
0.63
0.50
0.41
0.39
0.24
0.14
0603L075SL
1.23
1.08
0.94
0.75
0.61
0.44
0.34
0.23
0603L100SL
1.55
1.37
1.19
1.00
0.83
0.62
0.50
0.31
0603L150SL
2.31
2.06
1.79
1.50
1.22
0.93
0.75
0.47
0603L175SL
2.57
2.33
2.07
1.75
1.49
1.24
1.00
0.91
0805L075SL
1.24
1.07
0.94
0.75
0.62
0.47
0.37
0.23
0805L110SL
1.93
1.65
1.38
1.10
0.83
0.55
0.41
0.21
0805L150SL
2.37
2.07
1.80
1.50
1.25
0.93
0.74
0.50
0805L175SL
2.57
2.33
2.07
1.75
1.49
1.24
1.00
0.91
0805L200SLTH
2.94
2.66
2.36
2.00
1.70
1.42
1.14
1.04
0805L260SLTH
3.82
3.46
3.07
2.60
2.21
1.85
1.48
1.35
0805L300SL
4.41
3.99
3.54
3.00
2.55
2.13
1.71
1.56
1206L075SL
1.10
1.00
0.89
0.75
0.64
0.53
0.43
0.39
1206L110SL
2.00
1.70
1.40
1.10
0.83
0.56
0.44
0.36
1206L150SL
2.67
2.32
1.95
1.50
1.15
0.78
0.64
0.52
1206L110/12SL
1.62
1.46
1.30
1.10
0.94
0.78
0.63
0.57
1206L150/12SL
2.21
2.00
1.77
1.50
1.28
1.07
0.86
0.78
1206L175SL
2.57
2.33
2.07
1.75
1.49
1.24
1.00
0.91
1206L200SL
3.30
2.90
2.50
2.00
1.62
1.16
0.90
0.52
1206L260SLTH
3.71
3.42
3.01
2.60
2.08
1.49
1.30
0.89
1206L300SLTH
4.41
3.99
3.54
3.00
2.55
2.13
1.71
1.56
1206L350SLTH
5.15
4.66
4.13
3.50
2.98
2.49
2.00
1.82
1206L380SLTH
5.59
5.05
4.48
3.80
3.23
2.70
2.17
1.98
1206L400SL
5.71
5.26
4.63
4.00
3.20
2.29
2.00
1.37
1206L450SL
6.62
5.99
5.31
4.50
3.83
3.20
2.57
2.34
1210L175SL
2.57
2.33
2.07
1.75
1.49
1.24
1.00
0.91
1210L200SL
3.26
2.87
2.50
2.00
1.70
1.29
1.09
0.78
1210L260SL
3.82
3.46
3.07
2.60
2.21
1.85
1.48
1.35
1210L300SL
4.41
3.99
3.54
3.00
2.55
2.13
1.71
1.56
1210L350SL
5.00
4.60
4.05
3.50
2.80
2.00
1.60
1.00
1210L380SL
6.00
5.28
4.52
3.80
3.15
2.39
2.09
1.60
1210L400SL
5.71
5.26
4.63
4.00
3.20
2.29
2.00
1.37
1210L450SL
6.62
5.99
5.31
4.50
3.83
3.20
2.57
2.34
1812L190SL
3.00
2.58
2.22
1.90
1.49
1.14
0.93
0.61
1812L260SL
3.82
3.46
3.07
2.60
2.21
1.85
1.48
1.35
1812L270SL
3.86
3.55
3.12
2.70
2.16
1.54
1.35
0.93
1812L300SL
4.41
3.99
3.54
3.00
2.55
2.13
1.71
1.56
1812L350SL
5.43
4.73
4.13
3.50
2.80
2.10
1.75
1.12
1812L370SL
5.44
4.92
4.37
3.70
3.15
2.63
2.11
1.92
2920L700SL
10.00
9.20
8.10
7.00
5.60
4.00
3.50
2.40
Notes: The temperature rerating data is for reference only. Please contact Littelfuse technical support for detail temperature rerating information.


Similar Part No. - 1206L400SL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L LITTELFUSE-1206L Datasheet
129Kb / 2P
   Surface Mount PTC
1206L012 LITTELFUSE-1206L012 Datasheet
359Kb / 5P
   POLYFUSE짰 Resettable PTCs
1206L012 LITTELFUSE-1206L012 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
1206L012 LITTELFUSE-1206L012 Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
1206L012 LITTELFUSE-1206L012 Datasheet
811Kb / 6P
   Fast response to fault currents Compact design saves board space
More results

Similar Description - 1206L400SL

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
1812L200THPR LITTELFUSE-1812L200THPR Datasheet
513Kb / 6P
   Surface Mount > 1812L Series
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Mill-Max Mfg. Corp.
940-44-044-17-400000 MILL-MAX-940-44-044-17-400000 Datasheet
381Kb / 1P
   SERIES 940 ??SURFACE MOUNT
logo
RFE international
RMF50R-4R7-J RFE-RMF50R-4R7-J Datasheet
70Kb / 1P
   SURFACE MOUNT RMF Series: Fusible Thick Film Surface Mount RESISTORS
FSMD005-1210 RFE-FSMD005-1210 Datasheet
193Kb / 2P
   Surface Mount PPTC FSMD1210 Series
logo
Dielectric Laboratories...
L095XG9S DILABS-L095XG9S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L204XF4S DILABS-L204XF4S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
L254XF3S DILABS-L254XF3S Datasheet
1Mb / 2P
   Surface Mount Lowpass Filter Series
logo
M/A-COM Technology Solu...
MAMX-009239-001500 MA-COM-MAMX-009239-001500_15 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com