Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0520CDMC Datasheet(PDF) 3 Page - Sumida Corporation

Part # 0520CDMC
Description  Magnetically shielded
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0520CDMC Datasheet(HTML) 3 Page - Sumida Corporation

  0520CDMC Datasheet HTML 1Page - Sumida Corporation 0520CDMC Datasheet HTML 2Page - Sumida Corporation 0520CDMC Datasheet HTML 3Page - Sumida Corporation 0520CDMC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
Revised: 27-Jul-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
0520CDMC/DS
0
3
6
9
12
15
18
0
1
2
3
4
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
1
2
3
4
5
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
1
2
3
4
5
6
0
10
20
30
40
50
60
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0
2
4
6
8
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
3
6
9
12
15
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
3
6
9
12
15
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
3
6
9
12
15
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
4
8
12
16
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
3
6
9
12
15
18
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. 0520CDMCDS-R33MC
△T (℃)
L (
μH)
2. 0520CDMCDS-R47MC
△T (℃)
L (
μH)
3. 0520CDMCDS-R68MC
L (
μH)
DC (A)
5. 0520CDMCDS-1R5MC
△T (℃)
L (
μH)
6. 0520CDMCDS-2R2MC
7. 0520CDMCDS-3R3MC
△T (℃)
L (
μH)
8. 0520CDMCDS-4R7MC
△T (℃)
L (
μH)
DC (A)
4. 0520CDMCDS-1R0MC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
9. 0520CDMCDS-5R6MC
△T (℃)
L (
μH)
DC (A)
DC (A)
10. 0520CDMCDS-6R8MC
△T (℃)
L (
μH)
11. 0520CDMCDS-100MC
△T (℃)
L (
μH)
DC (A)
DC (A)
12. 0520CDMCDS-150MC
△T (℃)
L (
μH)
DC (A)


Similar Part No. - 0520CDMC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0520CDMCBDS SUMIDA-0520CDMCBDS Datasheet
139Kb / 4P
   Magnetically shielded
0520CDMCBDS-100MC SUMIDA-0520CDMCBDS-100MC Datasheet
139Kb / 4P
   Magnetically shielded
0520CDMCBDS-150MC SUMIDA-0520CDMCBDS-150MC Datasheet
139Kb / 4P
   Magnetically shielded
0520CDMCBDS-1R0MC SUMIDA-0520CDMCBDS-1R0MC Datasheet
139Kb / 4P
   Magnetically shielded
0520CDMCBDS-1R5MC SUMIDA-0520CDMCBDS-1R5MC Datasheet
139Kb / 4P
   Magnetically shielded
More results

Similar Description - 0520CDMC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MDT2520ACN TOKO-MDT2520ACN Datasheet
128Kb / 1P
   Magnetically shielded
MBH10145C TOKO-MBH10145C Datasheet
245Kb / 1P
   Magnetically shielded
MBH12282C TOKO-MBH12282C Datasheet
246Kb / 1P
   Magnetically shielded
MBH7045C TOKO-MBH7045C Datasheet
297Kb / 2P
   Magnetically shielded
logo
Sumida Corporation
0415CDMC SUMIDA-0415CDMC Datasheet
116Kb / 2P
   Magnetically shielded.
0412CDMC SUMIDA-0412CDMC Datasheet
126Kb / 3P
   Magnetically shielded.
0415CDMCBDS SUMIDA-0415CDMCBDS Datasheet
130Kb / 3P
   Magnetically shielded
0420CDMCB SUMIDA-0420CDMCB Datasheet
171Kb / 3P
   Magnetically shielded.
0520CDMCBDS SUMIDA-0520CDMCBDS Datasheet
139Kb / 4P
   Magnetically shielded
logo
TOKO, Inc
MDT1608-CH TOKO-MDT1608-CH Datasheet
215Kb / 1P
   Magnetically shielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com