Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6377IRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6377IRZ
Description  Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6377IRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6377IRZ Datasheet HTML 6Page - Intersil Corporation ISL6377IRZ Datasheet HTML 7Page - Intersil Corporation ISL6377IRZ Datasheet HTML 8Page - Intersil Corporation ISL6377IRZ Datasheet HTML 9Page - Intersil Corporation ISL6377IRZ Datasheet HTML 10Page - Intersil Corporation ISL6377IRZ Datasheet HTML 11Page - Intersil Corporation ISL6377IRZ Datasheet HTML 12Page - Intersil Corporation ISL6377IRZ Datasheet HTML 13Page - Intersil Corporation ISL6377IRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ISL6377
10
FN8336.0
August 6, 2012
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD, VDDP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7V
Boot Voltage (BOOT). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V
Boot to Phase Voltage (BOOT-PHASE) . . . . . . . . . . . . . . . . -0.3V to +7V(DC)
-0.3V to +9V (<10ns)
Phase Voltage (PHASE) . . . . . . . . . . . . . . . . -7V (<20ns Pulse Width, 10µJ)
UGATE Voltage (UGATE) . . . . . . . . . .PHASE - 0.3V (DC) to BOOTPHASE - 5V
(<20ns Pulse Width, 10µJ) to BOOT LGATE Voltage
-2.5V (<20ns Pulse Width, 5µJ) to VDD + 0.3V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VDD + 0.3V)
Open Drain Outputs, PGOOD, PGOOD_NB, VR_HOT_L. . . . . . . -0.3V to +7V
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
48 Ld QFN Package (Notes 4, 5) . . . . . . . .
29
3.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+5V ±5%
Input Supply Voltage, VIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V to 12.6V
Ambient Temperature
HRZ . . . . . . . . . . . . . . . . . . . .-10°C to +100°C
IRZ . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-10°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Operating Conditions: VDD =5V,TA = -10°C to +100°C (HRZ), TA = -40°C to +85°C (IRZ), fSW= 300kHz, unless
otherwise noted. Boldface limits apply over the operating temperature range, -40°C to +100°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
INPUT POWER SUPPLY
+5V Supply Current
IVDD
ENABLE = 1V
8
11
mA
ENABLE = 0V
1
µA
POWER-ON-RESET THRESHOLDS
VDD POR Threshold
VDD_PORr
VDD rising
4.35
4.5
V
VDD_PORf
VDD falling
4.00
4.15
V
SYSTEM AND REFERENCES
System Accuracy
HRZ
%Error (VOUT)
No load; closed loop, active mode range,
VID = 0.75V to 1.55V
-0.5
+0.5
%
VID = 0.25V to 0.74375V
-10
+10
mV
IRZ
%Error (VOUT)
No load; closed loop, active mode range,
VID = 0.75V to 1.55V
-0.8
+0.8
%
VID = 0.25V to 0.74375V
-12
+12
mV
Maximum Output Voltage
VOUT(max)
VID = [00000000]
1.55
V
Minimum Output Voltage
VOUT(min)
VID = [11111111]
0.0
V
CHANNEL FREQUENCY
Nominal Channel Frequency
fSW(nom)
280
300
320
kHz
Adjustment Range
300
450
kHz
AMPLIFIERS
Current-Sense Amplifier Input Offset
HRZ
IFB = 0A
-0.15
+0.15
mV
IRZ
IFB = 0A
-0.20
+0.20
mV
Error Amp DC Gain
Av0
119
dB
Error Amp Gain-Bandwidth Product
GBW
CL = 20pF
17
MHz
ISEN
Input Bias Current
20
nA


Similar Part No. - ISL6377IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6377IRZ INTERSIL-ISL6377IRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6377IRZ RENESAS-ISL6377IRZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6377IRZ-T INTERSIL-ISL6377IRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6377IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95712 RENESAS-ISL95712 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773 RENESAS-ISL62773 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6377 RENESAS-ISL6377 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL62773 INTERSIL-ISL62773 Datasheet
915Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com