Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-1840ARH Datasheet(PDF) 7 Page - Intersil Corporation

Part # HS9-1840ARH
Description  Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-1840ARH Datasheet(HTML) 7 Page - Intersil Corporation

  HS9-1840ARH Datasheet HTML 1Page - Intersil Corporation HS9-1840ARH Datasheet HTML 2Page - Intersil Corporation HS9-1840ARH Datasheet HTML 3Page - Intersil Corporation HS9-1840ARH Datasheet HTML 4Page - Intersil Corporation HS9-1840ARH Datasheet HTML 5Page - Intersil Corporation HS9-1840ARH Datasheet HTML 6Page - Intersil Corporation HS9-1840ARH Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HS-1840ARH, HS-1840AEH, HS-1840BRH, HS-1840BEH
7
FN4355.5
April 6, 2012
Ceramic Metal Seal Flatpack Packages (Flatpack)
NOTES:
1. Index area: A notch or a pin one identification mark shall be locat-
ed adjacent to pin one and shall be located within the shaded
area shown. The manufacturer’s identification shall not be used
as a pin one identification mark. Alternately, a tab (dimension k)
may be used to identify pin one.
2. If a pin one identification mark is used in addition to a tab, the lim-
its of dimension k do not apply.
3. This dimension allows for off-center lid, meniscus, and glass
overrun.
4. Dimensions b1 and c1 apply to lead base metal only. Dimension
M applies to lead plating and finish thickness. The maximum lim-
its of lead dimensions b and c or M shall be measured at the cen-
troid of the finished lead surfaces, when solder dip or tin plate
lead finish is applied.
5. N is the maximum number of terminal positions.
6. Measure dimension S1 at all four corners.
7. For bottom-brazed lead packages, no organic or polymeric mate-
rials shall be molded to the bottom of the package to cover the
leads.
8. Dimension Q shall be measured at the point of exit (beyond the
meniscus) of the lead from the body. Dimension Q minimum
shall be reduced by 0.0015 inch (0.038mm) maximum when sol-
der dip lead finish is applied.
9. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
10. Controlling dimension: INCH.
-D-
-C-
0.004
H A - B
M
D
S
S
-A-
-B-
0.036
H A - B
M
D
S
S
e
E
A
Q
L
D
A
E1
SEATING AND
L
E2
E3
E3
BASE PLANE
-H-
b
C
S1
M
c1
b1
(c)
(b)
SECTION A-A
BASE
LEAD FINISH
METAL
PIN NO. 1
ID AREA
A
M
K28.A MIL-STD-1835 CDFP3-F28 (F-11A, CONFIGURATION B)
28 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.045
0.115
1.14
2.92
-
b
0.015
0.022
0.38
0.56
-
b1
0.015
0.019
0.38
0.48
-
c
0.004
0.009
0.10
0.23
-
c1
0.004
0.006
0.10
0.15
-
D
-
0.740
-
18.80
3
E
0.460
0.520
11.68
13.21
-
E1
-
0.550
-
13.97
3
E2
0.180
-
4.57
-
-
E3
0.030
-
0.76
-
7
e
0.050 BSC
1.27 BSC
-
k
0.008
0.015
0.20
0.38
2
L
0.250
0.370
6.35
9.40
-
Q
0.026
0.045
0.66
1.14
8
S1
0.00
-
0.00
-
6
M
-
0.0015
-
0.04
-
N28
28
-
Rev. 0 5/18/94


Similar Part No. - HS9-1840ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-1840ARH INTERSIL-HS9-1840ARH Datasheet
65Kb / 3P
   Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS9-1840ARH INTERSIL-HS9-1840ARH Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS9-1840ARH-T INTERSIL-HS9-1840ARH-T Datasheet
65Kb / 3P
   Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS9-1840ARH/PROTO INTERSIL-HS9-1840ARH/PROTO Datasheet
219Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
More results

Similar Description - HS9-1840ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1840ARH INTERSIL-HS-1840ARH_11 Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840ARH INTERSIL-HS-1840ARH Datasheet
219Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840RH883S INTERSIL-HS-1840RH883S Datasheet
830Kb / 11P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840ARH-T INTERSIL-HS-1840ARH-T Datasheet
65Kb / 3P
   Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
logo
STMicroelectronics
M54HC4051 STMICROELECTRONICS-M54HC4051_04 Datasheet
289Kb / 12P
   RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
287Kb / 12P
   RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC151 STMICROELECTRONICS-M54HC151_04 Datasheet
230Kb / 11P
   RAD-HARD 8 CHANNEL MULTIPLEXER
logo
NXP Semiconductors
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com