Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962R1222301VXA Datasheet(PDF) 8 Page - Intersil Corporation

Part # 5962R1222301VXA
Description  36V Rad Hard Dual Precision Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R1222301VXA Datasheet(HTML) 8 Page - Intersil Corporation

Back Button 5962R1222301VXA Datasheet HTML 4Page - Intersil Corporation 5962R1222301VXA Datasheet HTML 5Page - Intersil Corporation 5962R1222301VXA Datasheet HTML 6Page - Intersil Corporation 5962R1222301VXA Datasheet HTML 7Page - Intersil Corporation 5962R1222301VXA Datasheet HTML 8Page - Intersil Corporation 5962R1222301VXA Datasheet HTML 9Page - Intersil Corporation 5962R1222301VXA Datasheet HTML 10Page - Intersil Corporation 5962R1222301VXA Datasheet HTML 11Page - Intersil Corporation 5962R1222301VXA Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL70227SEH
8
FN7958.1
August 24, 2012
Low Dose Rate Post Radiation Characteristics V
S ±15V, VCM = 0V, VO = 0V, RL = Open, TA = +25°C, unless otherwise noted.
This data is typical test data post radiation exposure at a rate of 10mrad(Si)/s. This data is intended to show typical parameter shifts due to low dose
rate radiation. These are not limits nor are they guaranteed .
FIGURE 3. OFFSET VOLTAGE vs RADIATION
FIGURE 4. POSITIVE INPUT BIAS CURRENT vs RADIATION
FIGURE 5. NEGATIVE INPUT BIAS CURRENT vs RADIATION
FIGURE 6. OFFSET CURRENT vs RADIATION
FIGURE 7. TOTAL SUPPLY CURRENT vs RADIATION
TOTAL DOSE (krad(Si))
0
5
10
15
20
25
0
10
2030
4050
60708090
100
GROUNDED
BIASED
TOTAL DOSE (krad(Si))
-25
-20
-15
-10
-5
0
5
0
102030
4050
60708090
100
GROUNDED
BIASED
TOTAL DOSE (krad(Si))
-25
-20
-15
-10
-5
0
0
10
2030
4050607080
90
100
GROUNDED
BIASED
TOTAL DOSE (krad(Si))
-25
-20
-15
-10
-5
0
0
10
2030
4050
60
708090
100
GROUNDED
BIASED
TOTAL DOSE (krad(Si))
0
5
10
0
102030
4050
607080
90
100
GROUNDED
BIASED


Similar Part No. - 5962R1222301VXA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962R1222301VXC RENESAS-5962R1222301VXC Datasheet
1Mb / 18P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results

Similar Description - 5962R1222301VXA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
   36V Rad Hard Dual Precision Operational Amplifier
logo
STMicroelectronics
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
   Rad-hard precision quad operational amplifier
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
   Rad-hard precision bipolar single operational amplifier
logo
Intersil Corporation
ISL70218SRH INTERSIL-ISL70218SRH Datasheet
943Kb / 18P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL70218SEH INTERSIL-ISL70218SEH Datasheet
1Mb / 20P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
logo
Anaren Microwave
MSK198RHL ANAREN-MSK198RHL Datasheet
453Kb / 7P
   RAD HARD DUAL PRECISION OP-AMP
logo
Intersil Corporation
HS-22620RH INTERSIL-HS-22620RH Datasheet
45Kb / 4P
   Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
logo
STMicroelectronics
RHF330A STMICROELECTRONICS-RHF330A Datasheet
810Kb / 26P
   Rad-hard 1 GHz low noise operational amplifier
Rev 8 - February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com