Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F9563003VXC Datasheet(PDF) 4 Page - Intersil Corporation

Part # 5962F9563003VXC
Description  Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9563003VXC Datasheet(HTML) 4 Page - Intersil Corporation

  5962F9563003VXC Datasheet HTML 1Page - Intersil Corporation 5962F9563003VXC Datasheet HTML 2Page - Intersil Corporation 5962F9563003VXC Datasheet HTML 3Page - Intersil Corporation 5962F9563003VXC Datasheet HTML 4Page - Intersil Corporation 5962F9563003VXC Datasheet HTML 5Page - Intersil Corporation 5962F9563003VXC Datasheet HTML 6Page - Intersil Corporation 5962F9563003VXC Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HS-1840ARH, HS-1840AEH, HS-1840BRH, HS-1840BEH
4
FN4355.5
April 6, 2012
Burn-In/Life Test Circuits
FIGURE 1. DYNAMIC BURN-IN AND LIFE TEST CIRCUIT
FIGURE 2. .STATIC BURN-IN TEST CIRCUIT
NOTES:
1. The above test circuits are utilized for all package types.
2. The Dynamic Test Circuit is utilized for all life testing.
Irradiation Circuit
HS-1840ARH, HS-1840AEH, HS-1840BRH
NOTE:
3. All irradiation testing is performed in the 28 lead CERDIP package.
R
R
GND
+VS
R
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
F4
F3
F1
F5
F2
-VS
NOTE:
VS+ = +15.5V ±0.5V, VS- = -15.5V ±0.5V.
R = 1kΩ ±5%.
C1 = C2 = 0.01µF ±10%, 1 EACH PER SOCKET, MINIMUM.
D1 = D2 = 1N4002, 1 EACH PER BOARD, MINIMUM.
INPUT SIGNALS:
SQUARE WAVE, 50% DUTY CYCLE, 0V TO 15V PEAK ±10%.
F1 = 100kHz; F2 = F1/2; F3 = F1/4; F4 = F1/8; F5 = F1/16.
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
R
R
R
GND
VR
+VS
R
-VS
NOTE:
R = 1kΩ ±5%, 1/4W.
C1 = C2 = 0.01µF MINIMUM, 1 EACH PER SOCKET, MINIMUM.
VS+ = 15.5V ±0.5V, VS- = -15.5V ±0.5V, VR = 15.5 ±0.5V
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1k
Ω
+15V
+1V
+5V
NC
NC
-15V
1
2
3
4
5
6
7
8
9
10
11
12
13
14


Similar Part No. - 5962F9563003VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9563003VXC INTERSIL-5962F9563003VXC Datasheet
219Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
5962F9563003VXC INTERSIL-5962F9563003VXC Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
logo
List of Unclassifed Man...
5962F9563003VXC ETC2-5962F9563003VXC Datasheet
332Kb / 27P
   MICROCIRCUIT, DIGITAL-LINEAR, RADIATION HARDENED, SINGLE 16-CHANNEL ANALOG MUX / DEMUX WITH OVERVOLTAGE PROTECTION, MONOLITHIC SILICON
More results

Similar Description - 5962F9563003VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1840ARH INTERSIL-HS-1840ARH_11 Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840ARH INTERSIL-HS-1840ARH Datasheet
219Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840RH883S INTERSIL-HS-1840RH883S Datasheet
830Kb / 11P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840ARH-T INTERSIL-HS-1840ARH-T Datasheet
65Kb / 3P
   Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
logo
STMicroelectronics
M54HC4051 STMICROELECTRONICS-M54HC4051_04 Datasheet
289Kb / 12P
   RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
287Kb / 12P
   RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC151 STMICROELECTRONICS-M54HC151_04 Datasheet
230Kb / 11P
   RAD-HARD 8 CHANNEL MULTIPLEXER
logo
NXP Semiconductors
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com