Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP85640 Datasheet(PDF) 9 Page - Sony Corporation

Part # CXP85640
Description  CMOS 8-bit Single Chip Microcomputer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP85640 Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXP85640 Datasheet HTML 5Page - Sony Corporation CXP85640 Datasheet HTML 6Page - Sony Corporation CXP85640 Datasheet HTML 7Page - Sony Corporation CXP85640 Datasheet HTML 8Page - Sony Corporation CXP85640 Datasheet HTML 9Page - Sony Corporation CXP85640 Datasheet HTML 10Page - Sony Corporation CXP85640 Datasheet HTML 11Page - Sony Corporation CXP85640 Datasheet HTML 12Page - Sony Corporation CXP85640 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
– 9 –
CXP85632/85640
SCL, SDA
Port F data
Large current 12mA
I2C output enable
IP
Schmitt input
SCL, SDA
(I2C circuit)
To internal I2C pins
(To SCL1 for SCL0)
BUS SW
“1” when reset
Port F selection
Port F data
PWM0 to PWM3
Large current 12mA
12V drive voltage
“0” when reset
“1” when reset
Port F
Port F
4 pins
4 pins
6 pins
2 pins
Pin
When reset
Circuit format
PF4/SCL0
PF5/SCL1
PF6/SDA0
PF7/SDA1
Hi-Z
Hi-Z
Hi-Z
Oscillation
halted
R
G
B
I
YS
YM
PF0/PWM0
to
PF3/PWM3
EXLC
XLC
R, G, B, I, YS, YM
Output becomes active
by data writing to output
polarity register.
Output polarity
“0” when reset
Oscillator control
EXLC
IP
OSD display clock
IP
XLC


Similar Part No. - CXP85640

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP856P40 SONY-CXP856P40 Datasheet
456Kb / 22P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP85640

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com