Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-MR-LR2 Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # SP-MR-LR2
Description  Multi-Rate SFP Transceiver (LR2)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-MR-LR2 Datasheet(HTML) 8 Page - Source Photonics, Inc.

Back Button SP-MR-LR2 Datasheet HTML 3Page - Source Photonics, Inc. SP-MR-LR2 Datasheet HTML 4Page - Source Photonics, Inc. SP-MR-LR2 Datasheet HTML 5Page - Source Photonics, Inc. SP-MR-LR2 Datasheet HTML 6Page - Source Photonics, Inc. SP-MR-LR2 Datasheet HTML 7Page - Source Photonics, Inc. SP-MR-LR2 Datasheet HTML 8Page - Source Photonics, Inc. SP-MR-LR2 Datasheet HTML 9Page - Source Photonics, Inc. SP-MR-LR2 Datasheet HTML 10Page - Source Photonics, Inc. SP-MR-LR2 Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
- 8 -
P/N: SP-MR-LR2
Multi-Rate SFP Transceiver (LR2)
DS-5351
Rev 0.1
2010-10-25
Recommended Interface Circuit
Protocol IC
SerDes
Laser Driver
Receiver Amplifier
EEPROM
SourcePhotonics
SFP
R1
R1
R1
Vcc
R1=4.7K to 10K Ω
MOD_DEF 0
MOD_DEF 1
MOD_DEF 2
VeeR
RX_LOS
RD -
RD +
0.1μF
10μF
VCCR
RX_LOS
100Ω
.01μF
.01μF
.01μF
10KΩ
VccT
Vcc
R1
VCCT
TD -
TD +
.01μF
.01μF
100Ω
TX_FAULT
TX_DISABLE
1μH
1μH
0.1μF
10μF
TX_FAULT
TX_DISABLE
R1


Similar Part No. - SP-MR-LR2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-MR-LR2-CDA SOURCE-SP-MR-LR2-CDA Datasheet
488Kb / 5P
   Multi-Rate SFP Transceiver(LR2)
SP-MR-LR2-CNA SOURCE-SP-MR-LR2-CNA Datasheet
488Kb / 5P
   Multi-Rate SFP Transceiver(LR2)
SP-MR-LR2-RDA SOURCE-SP-MR-LR2-RDA Datasheet
488Kb / 5P
   Multi-Rate SFP Transceiver(LR2)
SP-MR-LR2-RNA SOURCE-SP-MR-LR2-RNA Datasheet
488Kb / 5P
   Multi-Rate SFP Transceiver(LR2)
More results

Similar Description - SP-MR-LR2

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-MR-LR2-CDA SOURCE-SP-MR-LR2-CDA Datasheet
488Kb / 5P
   Multi-Rate SFP Transceiver(LR2)
SP-03-LR2-CDA SOURCE-SP-03-LR2-CDA Datasheet
474Kb / 7P
   155 Mbps SFP Transceiver (LR2)
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
   Multi-Rate SFP Transceiver(IR1)
SP-MR-SR1-CDA SOURCE-SP-MR-SR1-CDA Datasheet
478Kb / 7P
   Multi-Rate SFP Transceiver(SR1)
SP-MR-LR1-CDA SOURCE-SP-MR-LR1-CDA Datasheet
473Kb / 7P
   Multi-Rate SFP Transceiver(LR1)
SP-MR-LR1 SOURCE-SP-MR-LR1 Datasheet
217Kb / 11P
   Multi-Rate SFP Transceiver (LR1)
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
SP-MR-IR2-CDA SOURCE-SP-MR-IR2-CDA Datasheet
499Kb / 5P
   Multi-Rate SFP Transceiver(IR2)
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com