Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UD4002 Datasheet(PDF) 1 Page - ShenZhen XinDeYi Electronics Co., Ltd.

Part # UD4002
Description  N-Ch 40V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XINDEYI [ShenZhen XinDeYi Electronics Co., Ltd.]
Direct Link  
Logo XINDEYI - ShenZhen XinDeYi Electronics Co., Ltd.

UD4002 Datasheet(HTML) 1 Page - ShenZhen XinDeYi Electronics Co., Ltd.

  UD4002 Datasheet HTML 1Page - ShenZhen XinDeYi Electronics Co., Ltd. UD4002 Datasheet HTML 2Page - ShenZhen XinDeYi Electronics Co., Ltd. UD4002 Datasheet HTML 3Page - ShenZhen XinDeYi Electronics Co., Ltd. UD4002 Datasheet HTML 4Page - ShenZhen XinDeYi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
UD4002
N-Ch 40V Fast Switching MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
40
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1
23
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
1
18
A
IDM
Pulsed Drain Current
2
46
A
EAS
Single Pulse Avalanche Energy
3
28
mJ
IAS
Avalanche Current
17.8
A
PD@TC=25℃
Total Power Dissipation
4
25
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient (Steady State)
1
---
62
/W
RθJC
Thermal Resistance Junction-Case
1
---
5
/W
ID
40V
26mΩ
23A
The UD4002 is the highest performance trench
N-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the synchronous buck converter
applications .
The UD4002 meet the RoHS and Green Product
requirement , 100% EAS guaranteed with full
function reliability approved.
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
TO252 Pin Configuration
Product Summery
BVDSS
RDS(ON)


Similar Part No. - UD4002

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UD4002 UNITPOWER-UD4002 Datasheet
689Kb / 4P
   N-Ch 40V Fast Switching MOSFETs
logo
SHENZHEN DOINGTER SEMIC...
UD4002 DOINGTER-UD4002 Datasheet
635Kb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UD4002

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
QM4002AD UPI-QM4002AD Datasheet
267Kb / 4P
   N-Ch 40V Fast Switching MOSFETs
QM4004D UPI-QM4004D Datasheet
220Kb / 4P
   N-Ch 40V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKS4006 FETEK-FKS4006 Datasheet
550Kb / 4P
   N-Ch 40V Fast Switching MOSFETs
Ver : A
FKBA4004 FETEK-FKBA4004 Datasheet
554Kb / 4P
   N-Ch 40V Fast Switching MOSFETs
Ver : A
FKBA4048 FETEK-FKBA4048 Datasheet
460Kb / 4P
   N-Ch 40V Fast Switching MOSFETs
Ver : B
FKBA4086A FETEK-FKBA4086A Datasheet
493Kb / 4P
   N-Ch 40V Fast Switching MOSFETs
Ver : A
FKBB4052 FETEK-FKBB4052 Datasheet
435Kb / 4P
   N-Ch 40V Fast Switching MOSFETs
Ver : B
FKN4002 FETEK-FKN4002 Datasheet
483Kb / 4P
   N-Ch 40V Fast Switching MOSFETs
Ver : A
FKP4094 FETEK-FKP4094 Datasheet
405Kb / 4P
   N-Ch 40V Fast Switching MOSFETs
Ver : A
FKS4002 FETEK-FKS4002 Datasheet
551Kb / 4P
   N-Ch 40V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com