Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UD6001 Datasheet(PDF) 3 Page - ShenZhen XinDeYi Electronics Co., Ltd.

Part # UD6001
Description  P-Ch 60V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XINDEYI [ShenZhen XinDeYi Electronics Co., Ltd.]
Direct Link  
Logo XINDEYI - ShenZhen XinDeYi Electronics Co., Ltd.

UD6001 Datasheet(HTML) 3 Page - ShenZhen XinDeYi Electronics Co., Ltd.

  UD6001 Datasheet HTML 1Page - ShenZhen XinDeYi Electronics Co., Ltd. UD6001 Datasheet HTML 2Page - ShenZhen XinDeYi Electronics Co., Ltd. UD6001 Datasheet HTML 3Page - ShenZhen XinDeYi Electronics Co., Ltd. UD6001 Datasheet HTML 4Page - ShenZhen XinDeYi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
P-Ch 60V Fast Switching MOSFETs
0
2
4
6
8
00.511.5
2
-VDS , Drain-to-Source Voltage (V)
VGS=-10V
VGS=-7V
VGS=-5V
VGS=-4.5V
VGS=-4V
75
110
145
180
215
246
8
10
-VGS (V)
ID=-5A
0
2
4
6
8
10
0.2
0.4
0.6
0.8
1
-VSD , Source-to-Drain Voltage (V)
TJ=150℃
TJ=25℃
0
2.5
5
7.5
10
0
3.5
7
10.5
14
QG , Total Gate Charge (nC)
VDS=-12V
ID=-5A
0.2
0.6
1
1.4
1.8
-50050
100
150
TJ ,Junction Temperature (℃)
0.5
1.0
1.5
2.0
-50
25
100
175
TJ , Junction Temperature (℃)
P-Channel Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance vs. G-S Voltage
Fig.3 Forward Characteristics Of Reverse
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) vs. TJ
Fig.6 Normalized RDSON vs. TJ
UD6001


Similar Part No. - UD6001

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UD6001 UNITPOWER-UD6001 Datasheet
841Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
More results

Similar Description - UD6001

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
QM6015D UPI-QM6015D Datasheet
247Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
UD6015 XINDEYI-UD6015 Datasheet
725Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
UM6007 XINDEYI-UM6007 Datasheet
753Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
UB6015 XINDEYI-UB6015 Datasheet
708Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKL6107 FETEK-FKL6107 Datasheet
518Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
Ver : A
FKS6107 FETEK-FKS6107 Datasheet
580Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
Ver : A
logo
ShenZhen XinDeYi Electr...
UD6007 XINDEYI-UD6007 Datasheet
741Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD6007 UNITPOWER-UD6007 Datasheet
741Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
uPI Group Inc.
QM6007K UPI-QM6007K Datasheet
237Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD6015 UNITPOWER-UD6015 Datasheet
725Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKD6115 FETEK-FKD6115 Datasheet
498Kb / 4P
   P-Ch 60V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com