Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0631360000 Datasheet(PDF) 1 Page - Weidmuller

Part # 0631360000
Description  Modular terminal, accessories, end plate and intermediate plate, beige, 1.5 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0631360000 Datasheet(HTML) 1 Page - Weidmuller

  0631360000 Datasheet HTML 1Page - Weidmuller 0631360000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | Accessories | Visual separation /
side covers | AP end cover plates
- 1 -
General ordering data
Order No.
0150960000
Part designation
AP SAKD2.5N
Version
Modular terminal, accessories, end plate and
intermediate plate, beige, 1.5 mm
EAN
4008190071981
Qty.
20 pc(s).
Additional technical data
UL 94 flammability rating of insulation material
V2
Dimensions
Width
1.5 mm
Approvals
Approvals institutes
Classifications
ETIM 2.0
EC000886
ETIM 3.0
EC000886
eClass 4.1
27-14-11-99
eClass 5.0
27-14-11-33
eClass 5.1
27-14-11-33
Similar products
Order No.
Part designation
Version
0340920000
AP 70 SAK70 KRG
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow, 4 mm
0294460000
AP AKZ4
Modular terminal, accessories, end plate and intermediate plate,
beige, 1.5 mm
0294480000
AKZ 4 AP BLUE
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0294420000
AKZ 4 AP KRG BEIGE
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow
0266420000
AP AST1+5 KRG
Modular terminal, accessories, end plate and intermediate plate,
dark beige/yellow, 3 mm
1397160000
AP DK4Q
Modular terminal, accessories, end plate and intermediate plate,
beige, 1.5 mm
1397180000
AP DK4Q BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm
0631360000
AP DK4S
Modular terminal, accessories, end plate and intermediate plate,
beige
0271160000
AP SAK16
Modular terminal, accessories, end plate and intermediate plate,
beige, 1.5 mm
0271180000
AP SAK16 BL
Modular terminal, accessories, end plate and intermediate plate,
blue, 1.5 mm


Similar Part No. - 0631360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0631360000 WEIDMULLER-0631360000 Datasheet
1Mb / 52P
   SAK-series
0631360000 WEIDMULLER-0631360000 Datasheet
54Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 3 mm
0631360000 WEIDMULLER-0631360000 Datasheet
48Kb / 2P
   Modular terminal, accessories, End and intermediate plate, beige, 1.5 mm
0631360000 WEIDMULLER-0631360000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 1.5 mm
More results

Similar Description - 0631360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0271160000 WEIDMULLER-0271160000 Datasheet
48Kb / 2P
   Modular terminal, accessories, End and intermediate plate, beige, 1.5 mm
0210800000 WEIDMULLER-0210800000 Datasheet
56Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige
0309220000 WEIDMULLER-0309220000 Datasheet
52Kb / 2P
   Modular terminal, accessories, end plate and intermediate plate, dark beige/yellow, 1.5 mm
0326860000 WEIDMULLER-0326860000 Datasheet
48Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 38 mm
0258360000 WEIDMULLER-0258360000 Datasheet
49Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 2 mm
0326660000 WEIDMULLER-0326660000 Datasheet
48Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 26 mm
0485760000 WEIDMULLER-0485760000 Datasheet
49Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 3 mm
0326760000 WEIDMULLER-0326760000 Datasheet
53Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 30 mm
0318560000 WEIDMULLER-0318560000 Datasheet
45Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 0.5 mm
0258260000 WEIDMULLER-0258260000 Datasheet
49Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 2 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com