Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX985 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX985
Description  Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX985 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX985_12 Datasheet HTML 4Page - Maxim Integrated Products MAX985_12 Datasheet HTML 5Page - Maxim Integrated Products MAX985_12 Datasheet HTML 6Page - Maxim Integrated Products MAX985_12 Datasheet HTML 7Page - Maxim Integrated Products MAX985_12 Datasheet HTML 8Page - Maxim Integrated Products MAX985_12 Datasheet HTML 9Page - Maxim Integrated Products MAX985_12 Datasheet HTML 10Page - Maxim Integrated Products MAX985_12 Datasheet HTML 11Page - Maxim Integrated Products MAX985_12 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Maxim Integrated
MAX985/MAX986/MAX989/
MAX990/MAX993/MAX994
Micropower, Low-Voltage, UCSP/SC70,
Rail-to-Rail I/O Comparators
Zero-Crossing Detector
Figure 3 shows a zero-crossing detector application.
The MAX985’s inverting input is connected to ground,
and its noninverting input is connected to a 100mVP-P
signal source. As the signal at the noninverting input
crosses 0V, the comparator’s output changes state.
Logic-Level Translator
Figure 4 shows an application that converts 5V logic lev-
els to 3V logic levels. The MAX986 is powered by the 5V
supply voltage, and the pullup resistor for the MAX986’s
open-drain output is connected to the 3V supply voltage.
This configuration allows the full 5V logic swing without
creating overvoltage on the 3V logic inputs. For 3V to 5V
logic-level translation, simply connect the 3V supply to
VCC and the 5V supply to the pullup resistor.
MAX985
IN+
3
4
OUT
1
2
5
VCC
100mV
VCC
VEE
IN-
MAX986
IN-
100k
100k
4
3
RPULLUP
3V (5V)
LOGIC OUT
OUT
1
5
2
VCC
5V (3V)
3V (5V)
VEE
5V (3V) LOGIC IN
IN+
Figure 3. Zero-Crossing Detector
Figure 4. Logic-Level Translator


Similar Part No. - MAX985_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985-MAX994 MAXIM-MAX985-MAX994 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9850 MAXIM-MAX9850 Datasheet
916Kb / 23P
   On-Board 12MHz Crystal Oscillator
Rev 3; 3/09
MAX9850 MAXIM-MAX9850 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
MAX98500 MAXIM-MAX98500 Datasheet
1Mb / 15P
   Boosted 2.2W Class D Amplifier with Automatic Level Control
19-5189; Rev 0; 5/10
More results

Similar Description - MAX985_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
   Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
   Micropower low-voltage, rail-to-rail comparators
logo
Maxim Integrated Produc...
MAX965 MAXIM-MAX965 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com