Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1617A Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1617A
Description  Remote/Local Temperature Sensor with SMBus Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1617A Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1617A_12 Datasheet HTML 2Page - Maxim Integrated Products MAX1617A_12 Datasheet HTML 3Page - Maxim Integrated Products MAX1617A_12 Datasheet HTML 4Page - Maxim Integrated Products MAX1617A_12 Datasheet HTML 5Page - Maxim Integrated Products MAX1617A_12 Datasheet HTML 6Page - Maxim Integrated Products MAX1617A_12 Datasheet HTML 7Page - Maxim Integrated Products MAX1617A_12 Datasheet HTML 8Page - Maxim Integrated Products MAX1617A_12 Datasheet HTML 9Page - Maxim Integrated Products MAX1617A_12 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Remote/Local Temperature Sensor
with SMBus Serial Interface
MAX1617A
Maxim Integrated
Pin Description
General Description
The MAX1617A is a temperature sensor designed to
work in conjunction with an external microcontroller
(µC) or other intelligence in thermostatic, process-con-
trol, or monitoring applications. The µC is typically a
power-management or keyboard controller, generating
SMBus serial commands by “bit-banging” general-pur-
pose input/output (GPIO) pins or via a dedicated
SMBus interface block.
Essentially an 8-bit serial analog-to-digital converter
(ADC) with a sophisticated front end, the MAX1617A
contains a switched current source, a multiplexer, an
ADC, an SMBus interface, and associated control logic
(Figure 1). Temperature data from the ADC is loaded
into two data registers, where it is automatically com-
pared with data previously stored in four over/under-
temperature alarm registers.
ADC and Multiplexer
The ADC is an averaging type that integrates over a
60ms period (each channel, typical) with excellent
noise rejection.
The multiplexer automatically steers bias currents
through the remote and local diodes, measures their
forward voltages, and computes their temperatures.
Both channels are automatically converted once the
conversion process has started, either in free-running
or single-shot mode. If one of the two channels is not
used, the device still performs both measurements, and
the user can simply ignore the results of the unused
channel. If the remote diode channel is unused, tie DXP
to DXN rather than leaving the pins open.
The DXN input is biased at 0.65V(typ) above ground by
an internal diode to set up the analog-to-digital (A/D)
inputs for a differential measurement. The typical
DXP–DXN differential input voltage range is 0.25V to
0.95V. To ensure proper operation over full temperature
range, ensure VDXP
≤ (0.78 x VCC - 1.1) volts.
SMBus Serial-Data Input/Output, Open Drain
SMBDATA
12
SMBus Serial-Clock Input
SMBCLK
14
Hardware Standby Input. Temperature and comparison threshold data are retained in standby mode.
Low = standby mode, high = operate mode.
STBY
15
SMBus Address Select Pin (Table 8). ADD0 and ADD1 are sampled upon power-up. Excess capacitance
(>50pF) at the address pins when unconnected may cause address-recognition problems.
ADD1
6
Ground
GND
7, 8
SMBus Slave Address Select Pin
ADD0
10
SMBus Alert (interrupt) Output, Open Drain
ALERT
11
Combined Current Sink and A/D Negative Input. DXN is normally biased to a diode voltage above
ground.
DXN
4
Combined Current Source and A/D Positive Input for Remote-Diode Channel. Do not leave DXP uncon-
nected; tie DXP to DXN if no remote diode is used. Place a 2200pF capacitor between DXP and DXN for
noise filtering.
DXP
3
PIN
Supply Voltage Input, 3V to 5.5V. Bypass to GND with a 0.1µF capacitor. A 200
Ω series resistor is recom-
mended but not required for additional noise filtering.
VCC
2
No Connection. Not internally connected. May be used for PC board trace routing.
N.C.
1, 5, 9,
13, 16
FUNCTION
NAME


Similar Part No. - MAX1617A_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617AMEE MAXIM-MAX1617AMEE Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
MAX1617AMEE++ MAXIM-MAX1617AMEE+ Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results

Similar Description - MAX1617A_12

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
G782 GMT-G782 Datasheet
44Kb / 1P
   짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
G781 GMT-G781 Datasheet
52Kb / 1P
   짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com