Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1685QN-3 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1685QN-3
Description  3V/5V Real-Time Clocks
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1685QN-3 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1685QN-3_12 Datasheet HTML 7Page - Maxim Integrated Products DS1685QN-3_12 Datasheet HTML 8Page - Maxim Integrated Products DS1685QN-3_12 Datasheet HTML 9Page - Maxim Integrated Products DS1685QN-3_12 Datasheet HTML 10Page - Maxim Integrated Products DS1685QN-3_12 Datasheet HTML 11Page - Maxim Integrated Products DS1685QN-3_12 Datasheet HTML 12Page - Maxim Integrated Products DS1685QN-3_12 Datasheet HTML 13Page - Maxim Integrated Products DS1685QN-3_12 Datasheet HTML 14Page - Maxim Integrated Products DS1685QN-3_12 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
11 of 34
CONTROL REGISTERS
The four control registers A, B, C, and D reside in both bank 0 and bank 1. These registers are accessible at all
times, even during the update cycle.
Register A (0Ah)
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
UIP
DV2
DV1
DV0
RS3
RS2
RS1
RS0
UIP – The update-in-progress (UIP) bit is a status flag that can be monitored. When the UIP bit is a 1, the update
transfer occurs soon. When UIP is a 0, the update transfer does not occur for at least 244µs. The time, calendar,
and alarm information in RAM is fully available for access when the UIP bit is 0. The UIP bit is read-only. Writing
the SET bit in Register B to a 1 inhibits any update transfer and clears the UIP status bit.
DV2, DV1, DV0 - These three bits are used to turn the oscillator on or off and to reset the countdown chain. A
pattern of 01X is the only combination of bits that will turn the oscillator on and allow the RTC to keep time. A
pattern of 11X will enable the oscillator but holds the countdown chain in reset. The next update will occur at
500ms after a pattern of 01X is written to DV0, DV1, and DV2. The oscillator enable bit, DV1, will be set to a 1
when VCC is applied.
DV2 = Countdown Chain
1 – resets countdown chain only if DV1=1
0 – countdown chain enabled
DV1 = Oscillator Enable
1 – oscillator on
0 – oscillator off
DV0 = Bank Select
1 – extended registers
0 – original bank
RS3, RS2, RS1, RS0 – These four rate-selection bits select one of the 13 taps on the 15-stage divider or disable
the divider output. The tap selected can be used to generate an output square wave (SQW pin) and/or a periodic
interrupt. The user can do one of the following:
1) Enable the interrupt with the PIE bit;
2) Enable the SQW output pin with the SQWE or E32K bits;
3) Enable both at the same time and the same rate; or
4) Enable neither.
Table 3 lists the periodic interrupt rates and the square-wave frequencies that can be chosen with the RS bits.


Similar Part No. - DS1685QN-3_12

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1685QN-3++ DALLAS-DS1685QN-3+ Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685QN-3++ MAXIM-DS1685QN-3+ Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
More results

Similar Description - DS1685QN-3_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
logo
Dallas Semiconductor
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
   3V/5V Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com