Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0004 Datasheet(PDF) 4 Page - ShenZhen XinDeYi Electronics Co., Ltd.

Part # UM0004
Description  N-Ch 100V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XINDEYI [ShenZhen XinDeYi Electronics Co., Ltd.]
Direct Link  
Logo XINDEYI - ShenZhen XinDeYi Electronics Co., Ltd.

UM0004 Datasheet(HTML) 4 Page - ShenZhen XinDeYi Electronics Co., Ltd.

  UM0004 Datasheet HTML 1Page - ShenZhen XinDeYi Electronics Co., Ltd. UM0004 Datasheet HTML 2Page - ShenZhen XinDeYi Electronics Co., Ltd. UM0004 Datasheet HTML 3Page - ShenZhen XinDeYi Electronics Co., Ltd. UM0004 Datasheet HTML 4Page - ShenZhen XinDeYi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
N-Ch 100V Fast Switching MOSFETs
10
100
1000
10000
1
5
9
1317
2125
VDS , Drain to Source Voltage (V)
F=1.0MHz
Ciss
Coss
Crss
0.01
0.10
1.00
10.00
0.01
0.1
1
10
100
1000
VDS (V)
TA=25
oC
Single Pulse
100ms
100us
10ms
DC
1ms
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
DUTY=0.5
SINGLE
P
DM
D = T
ON/T
T
Jpeak = TC+PDMXRθJC
T
ON
T
Fig.8 Safe Operating Area
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Unclamped Inductive Switching Waveform
UM0004


Similar Part No. - UM0004

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM0004 UNITPOWER-UM0004 Datasheet
754Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
logo
SHENZHEN DOINGTER SEMIC...
UM0004 DOINGTER-UM0004 Datasheet
1Mb / 6P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UM0004

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
QM0018AB UPI-QM0018AB Datasheet
257Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
QM0014D UPI-QM0014D Datasheet
235Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN0014 PACELEADER-PKN0014 Datasheet
1Mb / 5P
   N-Ch 100V Fast Switching MOSFETs
logo
uPI Group Inc.
QM0008D UPI-QM0008D Datasheet
259Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD0016 UNITPOWER-UD0016 Datasheet
728Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
logo
SHIKUES Electronics
SK14N10-P8 SKTECHNOLGY-SK14N10-P8 Datasheet
983Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA0020A FETEK-FKBA0020A Datasheet
653Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
Ver : A
FKD0048 FETEK-FKD0048 Datasheet
689Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
Ver : B
FKF0094 FETEK-FKF0094 Datasheet
734Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
Ver : A
FKR0020A FETEK-FKR0020A Datasheet
649Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
Ver : A
FKD0032 FETEK-FKD0032 Datasheet
666Kb / 4P
   N-Ch 100V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com